| 전자부품 데이터시트 검색엔진 |
|
HCS08 데이터시트(PDF) 171 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 데이터시트(HTML) 171 Page - NXP Semiconductors |
|
171 / 198 page ![]() Development Support MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 171 Figure 12-6. System Background Debug Force Reset Register (SBDFR) 76 543 210 R 000 000 00 W BDFR1 1 BDFR is writable only through serial background mode debug commands, not from user programs. Reset 000 000 00 = Unimplemented or Reserved Table 12-3. SBDFR Register Field Description Field Description 0 BDFR Background Debug Force Reset — A serial active background mode command such as WRITE_BYTE allows an external debug host to force a target system reset. Writing 1 to this bit forces an MCU reset. This bit cannot be written from a user program. |