전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 49 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 45Page - Texas Instruments MSP430F5529 Datasheet HTML 46Page - Texas Instruments MSP430F5529 Datasheet HTML 47Page - Texas Instruments MSP430F5529 Datasheet HTML 48Page - Texas Instruments MSP430F5529 Datasheet HTML 49Page - Texas Instruments MSP430F5529 Datasheet HTML 50Page - Texas Instruments MSP430F5529 Datasheet HTML 51Page - Texas Instruments MSP430F5529 Datasheet HTML 52Page - Texas Instruments MSP430F5529 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
2.0
1.8
8
0
12
20
25
SupplyVoltage-V
ThenumberswithinthefieldsdenotethesupportedPMMCOREVxsettings.
2.2
2.4
3.6
0,1,2,3
0,1,2
0,1
0
1,2,3
1,2
1
2,3
3
2
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PMMCOREVx = 0
1.8
3.6
V
PMMCOREVx = 0, 1
2.0
3.6
V
Supply voltage during program execution and flash
VCC
programming(AVCC = DVCC1/2 = DVCC)
(1)
PMMCOREVx = 0, 1, 2
2.2
3.6
V
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
V
PMMCOREVx = 0
1.8
3.6
V
PMMCOREVx = 0, 1
2.0
3.6
V
Supply voltage during USB operation, USB PLL disabled
USB_EN = 1, UPLLEN = 0
PMMCOREVx = 0, 1, 2
2.2
3.6
V
VCC, USB
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
V
PMMCOREVx = 2
2.2
3.6
V
Supply voltage during USB operation, USB PLL enabled(2)
USB_EN = 1, UPLLEN = 1
PMMCOREVx = 2, 3
2.4
3.6
V
VSS
Supply voltage (AVSS = DVSS1/2 = DVSS)
0
V
TA
Operating free-air temperature
I version
–40
85
°C
TJ
Operating junction temperature
I version
–40
85
°C
CVCORE
Capacitor at VCORE
470
nF
CDVCC/
Capacitor ratio of DVCC to VCORE
10
CVCORE
PMMCOREVx = 0
1.8 V
≤ VCC ≤ 3.6 V
0
8.0
(default condition)
PMMCOREVx = 1
0
12.0
Processor frequency (maximum MCLK frequency)(3)
2.0 V
≤ VCC ≤ 3.6 V
fSYSTEM
MHz
(see Figure 1)
PMMCOREVx = 2
0
20.0
2.2 V
≤ VCC ≤ 3.6 V
PMMCOREVx = 3
0
25.0
2.4 V
≤ VCC ≤ 3.6 V
fSYSTEM_USB
Minimum processor frequency for USB operation
1.5
MHz
USB_wait
Wait state cycles during USB operation
16
cycles
(1)
It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
USB operation with USB PLL enabled requires PMMCOREVx
≥ 2 for proper operation.
(3)
Modules may have a different maximum input clock specification. Refer to the specification of the respective module in this data sheet.
Figure 1. Maximum System Frequency
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com