전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 71 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 67Page - Texas Instruments MSP430F5529 Datasheet HTML 68Page - Texas Instruments MSP430F5529 Datasheet HTML 69Page - Texas Instruments MSP430F5529 Datasheet HTML 70Page - Texas Instruments MSP430F5529 Datasheet HTML 71Page - Texas Instruments MSP430F5529 Datasheet HTML 72Page - Texas Instruments MSP430F5529 Datasheet HTML 73Page - Texas Instruments MSP430F5529 Datasheet HTML 74Page - Texas Instruments MSP430F5529 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
500
550
600
650
700
750
800
850
900
950
1000
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
AmbientTemperature- ˚C
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
12-Bit ADC, Temperature Sensor and Built-In VMID
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
680
ADC12ON = 1, INCH = 0Ah,
VSENSOR
See (2)
mV
TA = 0°C
3 V
680
2.2 V
2.25
TCSENSOR
ADC12ON = 1, INCH = 0Ah
mV/°C
3 V
2.25
2.2 V
30
Sample time required if
ADC12ON = 1, INCH = 0Ah,
tSENSOR(sample)
µs
channel 10 is selected(3)
Error of conversion result
≤ 1 LSB
3 V
30
AVCC divider at channel 11,
ADC12ON = 1, INCH = 0Bh
0.48
0.5
0.52 VAVCC
VAVCC factor
VMID
2.2 V
1.06
1.1
1.14
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh
V
3 V
1.44
1.5
1.56
Sample time required if
ADC12ON = 1, INCH = 0Bh,
tVMID(sample)
2.2 V/3 V
1000
ns
channel 11 is selected(4)
Error of conversion result
≤ 1 LSB
(1)
The temperature sensor is provided by the REF module. Please refer to the REF module parametric, IREF+, regarding the current
consumption of the temperature sensor.
(2)
The temperature sensor offset can be as much as ±20°C. A single-point calibration is recommended in order to minimize the offset error
of the built-in temperature sensor. The TLV structure contains calibration values for 30°C ± 3°C and 85°C ± 3°C for each of the available
reference voltage levels. The sensor voltage can be computed as VSENSE = TCSENSOR * (Temperature,°C) + VSENSOR, where TCSENSOR
and VSENSOR can be computed from the calibration values for higher accuracy. See also the MSP430x5xx Family User's Guide
(SLAU208).
(3)
The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
(4)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
Figure 16. Typical Temperature Sensor Voltage
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com