전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 62 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 58Page - Texas Instruments MSP430F5529 Datasheet HTML 59Page - Texas Instruments MSP430F5529 Datasheet HTML 60Page - Texas Instruments MSP430F5529 Datasheet HTML 61Page - Texas Instruments MSP430F5529 Datasheet HTML 62Page - Texas Instruments MSP430F5529 Datasheet HTML 63Page - Texas Instruments MSP430F5529 Datasheet HTML 64Page - Texas Instruments MSP430F5529 Datasheet HTML 65Page - Texas Instruments MSP430F5529 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 115 page
background image
MSP430F551x
MSP430F552x
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
www.ti.com
PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMHE = 0, DVCC = 3.6 V
0
nA
I(SVMH)
SVMH current consumption
SVMHE= 1, DVCC = 3.6 V, SVMHFP = 0
200
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
1.5
µA
SVMHE = 1, SVSMHRRL = 0
1.62
1.74
1.85
SVMHE = 1, SVSMHRRL = 1
1.88
1.94
2.07
SVMHE = 1, SVSMHRRL = 2
2.07
2.14
2.28
SVMHE = 1, SVSMHRRL = 3
2.20
2.30
2.42
V(SVMH)
SVMH on/off voltage level
(1)
SVMHE = 1, SVSMHRRL = 4
2.32
2.40
2.55
V
SVMHE = 1, SVSMHRRL = 5
2.52
2.70
2.88
SVMHE = 1, SVSMHRRL = 6
2.90
3.10
3.23
SVMHE = 1, SVSMHRRL = 7
2.90
3.10
3.23
SVMHE = 1, SVMHOVPE = 1
3.75
SVMHE = 1, dVDVCC/dt = 10 mV/µs,
2.5
SVMHFP = 1
tpd(SVMH)
SVMH propagation delay
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs,
20
SVMHFP = 0
SVMHE = 0
→ 1
12.5
SVMHFP = 1
t(SVMH)
SVMH on/off delay time
µs
SVMHE = 0
→ 1
100
SVMHFP = 0
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. Please refer to the Power Management Module and
Supply Voltage Supervisor chapter in the MSP430x5xx Family User's Guide (SLAU208) on recommended settings and usage.
PMM, SVS Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSLE = 0, PMMCOREV = 2
0
nA
I(SVSL)
SVSL current consumption
SVSLE = 1, PMMCOREV = 2, SVSLFP = 0
200
nA
SVSLE = 1, PMMCOREV = 2, SVSLFP = 1
1.5
µA
SVSLE = 1, dVCORE/dt = 10 mV/µs,
2.5
SVSLFP = 1
tpd(SVSL)
SVSL propagation delay
µs
SVSLE = 1, dVCORE/dt = 1 mV/µs,
20
SVSLFP = 0
SVSLE = 0
→ 1
12.5
SVSLFP = 1
t(SVSL)
SVSL on/off delay time
µs
SVSLE = 0
→ 1
100
SVSLFP = 0
62
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com