전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 73 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 69Page - Texas Instruments MSP430F5529 Datasheet HTML 70Page - Texas Instruments MSP430F5529 Datasheet HTML 71Page - Texas Instruments MSP430F5529 Datasheet HTML 72Page - Texas Instruments MSP430F5529 Datasheet HTML 73Page - Texas Instruments MSP430F5529 Datasheet HTML 74Page - Texas Instruments MSP430F5529 Datasheet HTML 75Page - Texas Instruments MSP430F5529 Datasheet HTML 76Page - Texas Instruments MSP430F5529 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 115 page
background image
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
REF, Built-In Reference (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
REFVSEL = (0, 1, 2}
Load-current regulation,
IVREF+ = +10 µA/–1000 µA
IL(VREF+)
2500 µV/mA
VREF+ terminal
(4)
AVCC = AVCC (min) for each reference level.
REFVSEL = (0, 1, 2}, REFON = REFOUT = 1
Capacitance at VREF+/-
CVREF+/-
REFON = REFOUT = 1(5)
20
100
pF
terminals
IVREF+ = 0 A
Temperature coefficient of
ppm/°
TCREF+
REFVSEL = (0, 1, 2}, REFON = 1,
30
50
built-in reference(6)
C
REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max)
Power supply rejection ratio
TA = 25°C
PSRR_DC
120
300
µV/V
(DC)
REFVSEL = (0, 1, 2}, REFON = 1,
REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max)
TA = 25°C
Power supply rejection ratio
PSRR_AC
f = 1 kHz,
ΔVpp = 100 mV
6.4
mV/V
(AC)
REFVSEL = (0, 1, 2}, REFON = 1,
REFOUT = 0 or 1
AVCC = AVCC (min) - AVCC(max)
REFVSEL = (0, 1, 2}, REFOUT = 0,
75
REFON = 0
→ 1
Settling time of reference
tSETTLE
µs
AVCC = AVCC (min) - AVCC(max)
voltage(7)
CVREF = CVREF(max)
75
REFVSEL = (0, 1, 2}, REFOUT = 1,
REFON = 0
→ 1
(4)
Contribution only due to the reference and buffer including package. This does not include resistance due to PCB trace, etc.
(5)
Two decoupling capacitors, 10µF and 100nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC12_A. See also the MSP430x5xx Family User's Guide (SLAU208).
(6)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C)/(85°C – (–40°C)).
(7)
The condition is that the error in a conversion started after tREFON is less than ±0.5 LSB. The settling time depends on the external
capacitive load when REFOUT = 1.
Comparator B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.8
3.6
V
1.8 V
40
CBPWRMD = 00
2.2 V
30
50
Comparator operating supply
IAVCC_COMP
current into AVCC. Excludes
3.0 V
40
65
µA
reference resistor ladder.
CBPWRMD = 01
2.2/3.0 V
10
30
CBPWRMD = 10
2.2/3.0 V
0.1
0.5
Quiescent current of local
IAVCC_REF
reference voltage amplifier into
CBREFACC = 1, CBREFLx = 01
22
µA
AVCC.
VIC
Common mode input range
0
VCC-1
V
CBPWRMD = 00
±20
mV
VOFFSET
Input offset voltage
CBPWRMD = 01, 10
±10
mV
CIN
Input capacitance
5
pF
ON - switch closed
3
4
k
Ω
RSIN
Series input resistance
OFF - switch opened
30
M
Ω
CBPWRMD = 00, CBF = 0
450
ns
tPD
Propagation delay, response time
CBPWRMD = 01, CBF = 0
600
ns
CBPWRMD = 10, CBF = 0
50
µs
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com