전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 83 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 79Page - Texas Instruments MSP430F5529 Datasheet HTML 80Page - Texas Instruments MSP430F5529 Datasheet HTML 81Page - Texas Instruments MSP430F5529 Datasheet HTML 82Page - Texas Instruments MSP430F5529 Datasheet HTML 83Page - Texas Instruments MSP430F5529 Datasheet HTML 84Page - Texas Instruments MSP430F5529 Datasheet HTML 85Page - Texas Instruments MSP430F5529 Datasheet HTML 86Page - Texas Instruments MSP430F5529 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
P5.0/(A8/VREF+/VeREF+)
P5.1/(A9/VREF–/VeREF–)
P5SEL.x
1
0
P5DIR.x
P5IN.x
EN
Tomodule
1
0
Frommodule
P5OUT.x
1
0
DV
SS
DV
CC
P5REN.x
PadLogic
1
P5DS.x
0:Lowdrive
1:Highdrive
D
Bus
Keeper
to/fromReference
(n/aMSP430F551x)
to ADC12
INCHx=x
(n/aMSPF430F551x)
(n/aMSPF430F551x)
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
Port P5, P5.0 and P5.1, Input/Output With Schmitt Trigger
Table 52. Port P5 (P5.0 and P5.1) Pin Functions
CONTROL BITS/SIGNALS(1)
PIN NAME (P5.x)
x
FUNCTION
P5DIR.x
P5SEL.x
REFOUT
P5.0/A8/VREF+/VeREF+(2)
0
P5.0 (I/O)(3)
I: 0; O: 1
0
X
A8/VeREF+(4)
X
1
0
A8/VREF+(5)
X
1
1
P5.1/A9/VREF–/VeREF– (6)
1
P5.1 (I/O)(3)
I: 0; O: 1
0
X
A9/VeREF– (7)
X
1
0
A9/VREF–(8)
X
1
1
(1)
X = Don't care
(2)
VREF+/VeREF+ available on MSP430F552x devices only.
(3)
Default condition
(4)
Setting the P5SEL.0 bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. An external voltage can be applied to VeREF+ and used as the reference for the ADC12_A when available. Channel A8,
when selected with the INCHx bits, is connected to the VREF+/VeREF+ pin.
(5)
Setting the P5SEL.0 bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. The VREF+ reference is available at the pin. Channel A8, when selected with the INCHx bits, is connected to the
VREF+/VeREF+ pin.
(6)
VREF-/VeREF- available on MSP430F552x devices only.
(7)
Setting the P5SEL.1 bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. An external voltage can be applied to VeREF- and used as the reference for the ADC12_A when available. Channel A9,
when selected with the INCHx bits, is connected to the VREF-/VeREF- pin.
(8)
Setting the P5SEL.1 bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. The VREF– reference is available at the pin. Channel A9, when selected with the INCHx bits, is connected to the
VREF-/VeREF- pin.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com