전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 67 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 63Page - Texas Instruments MSP430F5529 Datasheet HTML 64Page - Texas Instruments MSP430F5529 Datasheet HTML 65Page - Texas Instruments MSP430F5529 Datasheet HTML 66Page - Texas Instruments MSP430F5529 Datasheet HTML 67Page - Texas Instruments MSP430F5529 Datasheet HTML 68Page - Texas Instruments MSP430F5529 Datasheet HTML 69Page - Texas Instruments MSP430F5529 Datasheet HTML 70Page - Texas Instruments MSP430F5529 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 115 page
background image
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Note
(1), Figure 13 and Figure 14)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.8 V
11
PMMCOREV = 0
ns
3.0 V
8
tSTE,LEAD
STE lead time, STE low to clock
2.4 V
7
PMMCOREV = 3
ns
3.0 V
6
1.8 V
3
PMMCOREV = 0
ns
3.0 V
3
tSTE,LAG
STE lag time, Last clock to STE high
2.4 V
3
PMMCOREV = 3
ns
3.0 V
3
1.8 V
66
PMMCOREV = 0
ns
3.0 V
50
tSTE,ACC
STE access time, STE low to SOMI data out
2.4 V
36
PMMCOREV = 3
ns
3.0 V
30
1.8 V
30
PMMCOREV = 0
ns
3.0 V
23
STE disable time, STE high to SOMI high
tSTE,DIS
impedance
2.4 V
16
PMMCOREV = 3
ns
3.0 V
13
1.8 V
5
PMMCOREV = 0
ns
3.0 V
5
tSU,SI
SIMO input data setup time
2.4 V
2
PMMCOREV = 3
ns
3.0 V
2
1.8 V
5
PMMCOREV = 0
ns
3.0 V
5
tHD,SI
SIMO input data hold time
2.4 V
5
PMMCOREV = 3
ns
3.0 V
5
UCLK edge to SOMI valid,
1.8 V
76
CL = 20 pF
ns
3.0 V
60
PMMCOREV = 0
tVALID,SO
SOMI output data valid time(2)
UCLK edge to SOMI valid,
2.4 V
44
CL = 20 pF
ns
3.0 V
40
PMMCOREV = 3
1.8 V
18
CL = 20 pF
ns
PMMCOREV = 0
3.0 V
12
tHD,SO
SOMI output data hold time(3)
2.4 V
10
CL = 20 pF
ns
PMMCOREV = 3
3.0 V
8
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI)).
For the master's parameters tSU,MI(Master) and tVALID,MO(Master) refer to the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. Refer to the timing
diagrams in Figure 11 and Figure 12.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. Refer to the timing diagrams in
Figure 11 and Figure 12.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com