전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 63 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 59Page - Texas Instruments MSP430F5529 Datasheet HTML 60Page - Texas Instruments MSP430F5529 Datasheet HTML 61Page - Texas Instruments MSP430F5529 Datasheet HTML 62Page - Texas Instruments MSP430F5529 Datasheet HTML 63Page - Texas Instruments MSP430F5529 Datasheet HTML 64Page - Texas Instruments MSP430F5529 Datasheet HTML 65Page - Texas Instruments MSP430F5529 Datasheet HTML 66Page - Texas Instruments MSP430F5529 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
PMM, SVM Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMLE = 0, PMMCOREV = 2
0
nA
I(SVML)
SVML current consumption
SVMLE= 1, PMMCOREV = 2, SVMLFP = 0
200
nA
SVMLE= 1, PMMCOREV = 2, SVMLFP = 1
1.5
µA
SVMLE = 1, dVCORE/dt = 10 mV/µs,
2.5
SVMLFP = 1
tpd(SVML)
SVML propagation delay
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs,
20
SVMLFP = 0
SVMLE = 0
→ 1
12.5
SVMLFP = 1
t(SVML)
SVML on/off delay time
µs
SVMLE = 0
→ 1
100
SVMLFP = 0
Wake-up from Low Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n,
fMCLK ≥ 4.0 MHz
5
tWAKE-UP-FAST
LPM3, or LPM4 to active
where n = 0, 1, 2, or 3
µs
fMCLK < 4.0 MHz
6
mode(1)
SVSLFP = 1
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n, where n = 0, 1, 2,
tWAKE-UP-SLOW
LPM3 or LPM4 to active
or 3
150
165
µs
mode(2)
SVSLFP = 0
Wake-up time from LPM4.5 to
tWAKE-UP-LPM5
2
3
ms
active mode(3)
Wake-up time from RST or
tWAKE-UP-RESET
2
3
ms
BOR event to active mode(3)
(1)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low side supervisor (SVSL) and low side monitor (SVML). Fastest wakeup times are possible with SVSLand SVML in full
performance mode or disabled when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while
operating in LPM2, LPM3, and LPM4. Please refer to the Power Management Module and Supply Voltage Supervisor chapter in the
MSP430x5xx Family User's Guide (SLAU208).
(2)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low side supervisor (SVSL) and low side monitor (SVML). In this case, the SVSLand SVML are in normal mode (low current)
mode when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while operating in LPM2, LPM3, and
LPM4. Please refer to the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx Family User's Guide
(SLAU208).
(3)
This value represents the time from the wakeup event to the reset vector execution.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com