전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 75 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 71Page - Texas Instruments MSP430F5529 Datasheet HTML 72Page - Texas Instruments MSP430F5529 Datasheet HTML 73Page - Texas Instruments MSP430F5529 Datasheet HTML 74Page - Texas Instruments MSP430F5529 Datasheet HTML 75Page - Texas Instruments MSP430F5529 Datasheet HTML 76Page - Texas Instruments MSP430F5529 Datasheet HTML 77Page - Texas Instruments MSP430F5529 Datasheet HTML 78Page - Texas Instruments MSP430F5529 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
USB-PWR (USB Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLAUNCH
VBUS detection threshold
3.75
V
VBUS
USB bus voltage
Normal operation
3.76
5.5
V
VUSB
USB LDO output voltage
3.3
±9%
V
V18
Internal USB voltage(1)
1.8
V
Maximum external current from VUSB
IUSB_EXT
USB LDO is on
12
mA
terminal(2)
IDET
USB LDO current overload detection(3)
60
100
mA
USB LDO is on,
ISUSPEND
Operating supply current into VBUS terminal.(4)
250
µA
USB PLL disabled
CBUS
VBUS terminal recommended capacitance
4.7
µF
CUSB
VUSB terminal recommended capacitance
220
nF
C18
V18 terminal recommended capacitance
220
nF
Within 2%,
tENABLE
Settling time VUSB and V18
2
ms
recommended capacitances
RPUR
Pullup resistance of PUR terminal
70
110
150
Ω
(1)
This voltage is for internal usages only. No external DC loading should be applied.
(2)
This represents additional current that can be supplied to the application from the VUSB terminal beyond the needs of the USB
operation.
(3)
A current overload will be detected when the total current supplied from the USB LDO, including IUSB_EXT, exceeds this value.
(4)
Does not include current contribution of Rpu and Rpd as outlined in the USB specification.
USB-PLL (USB Phase Locked Loop)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IPLL
Operating supply current
7
mA
fPLL
PLL frequency
48
MHz
fUPD
PLL reference frequency
1.5
3
MHz
tLOCK
PLL lock time
2
ms
tJitter
PLL jitter
1000
ps
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com