전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F5529 데이터시트(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F5529
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 데이터시트(HTML) 69 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 65Page - Texas Instruments MSP430F5529 Datasheet HTML 66Page - Texas Instruments MSP430F5529 Datasheet HTML 67Page - Texas Instruments MSP430F5529 Datasheet HTML 68Page - Texas Instruments MSP430F5529 Datasheet HTML 69Page - Texas Instruments MSP430F5529 Datasheet HTML 70Page - Texas Instruments MSP430F5529 Datasheet HTML 71Page - Texas Instruments MSP430F5529 Datasheet HTML 72Page - Texas Instruments MSP430F5529 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 115 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
USCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 15)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
fUSCI
USCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ± 10%
fSCL
SCL clock frequency
2.2 V/3 V
0
400
kHz
fSCL ≤ 100 kHz
4.0
tHD,STA
Hold time (repeated) START
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
fSCL ≤ 100 kHz
4.7
tSU,STA
Setup time for a repeated START
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V/3 V
0
ns
tSU,DAT
Data setup time
2.2 V/3 V
250
ns
fSCL ≤ 100 kHz
4.0
tSU,STO
Setup time for STOP
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
2.2 V
50
600
tSP
Pulse width of spikes suppressed by input filter
ns
3 V
50
600
Figure 15. I2C Mode Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com