전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 28 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 28 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 24Page - Microchip Technology PIC24F16KA102 Datasheet HTML 25Page - Microchip Technology PIC24F16KA102 Datasheet HTML 26Page - Microchip Technology PIC24F16KA102 Datasheet HTML 27Page - Microchip Technology PIC24F16KA102 Datasheet HTML 28Page - Microchip Technology PIC24F16KA102 Datasheet HTML 29Page - Microchip Technology PIC24F16KA102 Datasheet HTML 30Page - Microchip Technology PIC24F16KA102 Datasheet HTML 31Page - Microchip Technology PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 28
Advance Information
© 2008 Microchip Technology Inc.
4.7.3
CODE-PROTECT CONFIGURATION
BITS
The FBS and FGS Configuration registers are special
Configuration
registers
which
control
the
code
protection for the boot segment and general segment,
respectively. For each segment, two forms of code
protection are provided. One form prevents code
memory from being written (write protection), while the
other prevents it from being read (read protection).
The BWRP and GWRP bits control write protection and
the BSS0 and GSS0 bits control read protection.
When write protection is enabled, any programming
operation to code memory will fail. When read
protection is enabled, any read from code memory will
cause a 00h to be read, regardless of the actual
contents of code memory. Since the programming
executive always verifies what it programs, attempting
to program code memory with read protection enabled
also results in failure.
It is imperative that all code protection bits should be ‘1’
while the device is being programmed, and verified.
Only after the device is programmed and verified
should any of the above bits be programmed to ‘0’ (see
Section 4.7 “Configuration Bits Programming”).
Note:
All bits in the FBS and FGS Configuration
registers can only be programmed to a
value of ‘0‘.Bulk Erasing the chip is the
only way to reprogram code-protect bits
from on (‘0’) to off (‘1’).
TABLE 4-2:
PIC24FXXKAXXX FAMILY CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BOREN<1:0>
FPOR<1:0>
Brown-out Reset Enable bits
11
= Brown-out Reset enabled in hardware; SBOREN bit disabled
10
= Brown-out Reset enabled only while device is active and disabled in
Sleep; SBOREN bit disabled
01
= Brown-out Reset controlled with the SBOREN bit setting
00
= Brown-out Reset disabled in hardware; SBOREN bit disabled
BORV<1:0>
FPOR<6:5>
Brown-out Reset Voltage bits
11
= VBOR set to 1.8V min
10
= VBOR set to 2.0V min
01
= VBOR set to 2.7V min
00
= Downside protection on POR enabled – “Zero-power” selected
BSS0
FBS<3>
Boot Segment Program Flash Code Protection bit
1
= No protection
0
= Standard security enabled
BSZ<1:0>
FBS<2:1>
Boot Segment Program Flash Size Selection bits
11
= No boot program Flash segment
10
= Boot program Flash segment starts at 200h, ends at 000AFEh
01
= Boot program Flash segment starts at 200h, ends at 0015FEh
00
= Reserved
BWRP
FBS<0>
Boot Segment Program Flash Write Protection bit
1
= Boot segment may be written
0
= Boot segment is write-protected
DEBUG
FICD<7>
Background Debugger Enable bit
1
= Background debugger disabled
0
= Background debugger functions enabled
DSWDTEN
FDS<7>
Deep Sleep Watchdog Timer Enable bit
1
= DSWDT enabled
0
= DSWDT disabled
DSWCKSEL
FDS<4>
DSWDT Reference Clock Select bit
1
= DSWDT uses LPRC as reference clock
0
= DSWDT uses SOSC as reference clock
Note 1:
Applies only to the 28-pin device.
2:
The MCLRE fuse can only be changed when using the VPP-Based Test mode entry. This prevents a user
from accidentally locking out the device from low-voltage test entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com