전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 36 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 36 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology PIC24F16KA102 Datasheet HTML 33Page - Microchip Technology PIC24F16KA102 Datasheet HTML 34Page - Microchip Technology PIC24F16KA102 Datasheet HTML 35Page - Microchip Technology PIC24F16KA102 Datasheet HTML 36Page - Microchip Technology PIC24F16KA102 Datasheet HTML 37Page - Microchip Technology PIC24F16KA102 Datasheet HTML 38Page - Microchip Technology PIC24F16KA102 Datasheet HTML 39Page - Microchip Technology PIC24F16KA102 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 36
Advance Information
© 2008 Microchip Technology Inc.
5.2.8
READP
COMMAND
The READP command instructs the programming
executive to read N 24-bit words of code memory,
including Configuration registers, starting from the
24-bit address specified by Addr_MSB and Addr_LS.
The entire data returned in response to this command
uses
the
packed
data
format
described
in
Section 5.2.2 “Packed Data Format”.
Expected Response (2 + 3 * N/2 words for N even):
1200h
2 + 3 * N/2
LSB program memory word 1
...
LSB data word N
Expected Response (4 + 3 * (N – 1)/2 words for N odd):
1200h
4 + 3 * (N – 1)/2
LSB program memory word 1
...
MSB of program memory word N (zero-padded)
5.2.9
PROGC
COMMAND
The PROGC command instructs the programming
executive to program a single User ID register located
at the specified memory address.
After the specified data word has been programmed to
code memory, the programming executive verifies the
programmed data against the data in the command.
Expected Response (2 words):
1400h
0002h
5.2.10
PROGD
COMMAND
The PROGD command instructs the programming
executive to program one word (16-bit) of data
EEPROM memory, starting from the 24-bit address
specified by Addr_MSB and Addr_LS.
Once
one
word
of
data
EEPROM
has
been
programmed, the programming executive verifies the
programmed data against the data in the command.
15
12 11
8 7
0
Opcode
Length
N
Reserved
Addr_MSB
Addr_LS
Field
Description
Opcode
2h
Length
4h
N
Number of 24-bit instructions to read
(max. of 32768).
Reserved
0h
Addr_MSB
MSb of 24-bit source address.
Addr_LS
Least Significant 16 bits of 24-bit
source address.
Note:
This command can only be used to read
24-bit data.
Note:
Reading
unimplemented
memory
will
cause the programming executive to
reset. Ensure that only memory locations
present
on
a
particular
device
are
accessed.
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
Data
Field
Description
Opcode
4h
Length
4h
Reserved
0h
Addr_MSB
MSb of 24-bit destination address.
Addr_LS
Least Significant 16 bits of 24-bit
destination address.
Data
8-bit data word.
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
D_1
Field
Description
Opcode
Fh
Length
4h
Reserved
0h
Addr_MSB
MSB of 24-bit source address.
Addr_LS
Least Significant 16 bits of 24-bit
source address.
D_1
16-bit data word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com