전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 29 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 29 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 25Page - Microchip Technology PIC24F16KA102 Datasheet HTML 26Page - Microchip Technology PIC24F16KA102 Datasheet HTML 27Page - Microchip Technology PIC24F16KA102 Datasheet HTML 28Page - Microchip Technology PIC24F16KA102 Datasheet HTML 29Page - Microchip Technology PIC24F16KA102 Datasheet HTML 30Page - Microchip Technology PIC24F16KA102 Datasheet HTML 31Page - Microchip Technology PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology PIC24F16KA102 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 29
DSWDTPS<3:0>
FDS<3:0>
Deep Sleep Watchdog Timer Postscale Select bits
The DSWDT prescaler is 32; this creates an approximate base time unit of
1 ms.
1111
= 1:2,147,483,648 (25.7 days)
1110
= 1:536,870,912 (6.4 days)
1101
= 1:134,217,728 (38.5 hours)
1100
= 1:33,554,432 (9.6 hours)
1011
= 1:8,388,608 (2.4 hours)
1010
= 1:2,097,152 (36 minutes)
1001
= 1:524,288 (9 minutes)
1000
= 1:131,072 (135 seconds)
0111
= 1:32,768 (34 seconds)
0110
= 1:8,192 (8.5 seconds)
0101
= 1:2,048 (2.1 seconds)
0100
= 1:512 (528 ms)
0011
= 1:128 (132 ms)
0010
= 1:32 (33 ms)
0001
= 1:8 (8.3 ms)
0000
= 1:2 (2.1 ms)
DSZPBOR
FDS<6>
Deep Sleep Zero-Power BOR Enable bit
1
= Zero-Power BOR enabled in Deep Sleep
0
= Zero-Power BOR disabled in Deep Sleep (does not affect operation in non
Deep Sleep modes)
FCKSM<1:0>
FOSC<7:6>
Clock Switching and Monitor Selection Configuration bits
1x
= Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
FNOSC<2:0>
FOSCSEL<2:0> Oscillator Selection bits
000
= Fast RC Oscillator (FRC)
001
= Fast RC Oscillator with divide-by-N with PLL module (FRCDIV+PLL)
010
= Primary Oscillator (XT, HS, EC)
011
= Primary Oscillator with PLL module (HS+PLL, EC+PLL)
100
= Secondary Oscillator (SOSC)
101
= Low-Power RC Oscillator (LPRC)
110
= Reserved; do not use
111
= Fast RC Oscillator with divide-by-N (FRCDIV)
FWDTEN
FWDT<7>
Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled (control is placed on the SWDTEN bit)
GSS0
FGS<1>
General Segment Code Flash Code Protection bit
1
= No protection
0
= Standard security enabled
GWRP
FGS<0>
General Segment Code Flash Write Protection bit
1
= General segment may be written
0
= General segment is write-protected
ICS<1:0>
FICD<1:0>
ICD Pin Placement Select bit
11
= ICD EMUC/EMUD pins are shared with PGEC1/PGED1
10
= ICD EMUC/EMUD pins are shared with PGEC2/PGED2
01
= ICD EMUC/EMUD pins are shared with PGEC3/PGED3
00
= Reserved; do not use
TABLE 4-2:
PIC24FXXKAXXX FAMILY CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note 1:
Applies only to the 28-pin device.
2:
The MCLRE fuse can only be changed when using the VPP-Based Test mode entry. This prevents a user
from accidentally locking out the device from low-voltage test entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com