전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 45 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 45 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 40Page - Microchip Technology PIC24F16KA102 Datasheet HTML 41Page - Microchip Technology PIC24F16KA102 Datasheet HTML 42Page - Microchip Technology PIC24F16KA102 Datasheet HTML 43Page - Microchip Technology PIC24F16KA102 Datasheet HTML 44Page - Microchip Technology PIC24F16KA102 Datasheet HTML 45Page - Microchip Technology PIC24F16KA102 Datasheet HTML 46Page - Microchip Technology PIC24F16KA102 Datasheet HTML 47Page - Microchip Technology PIC24F16KA102 Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 45
7.0
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
TABLE 7-1:
STANDARD OPERATING CONDITIONS
Standard Operating Conditions
Operating Temperature: 0
°C to +70°C and programming: +25°C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE
3.60
V
Normal programming
D112
IPP
Programming Current on MCLR
—50
μA—
D113
IDDP
Supply Current During Programming
2
mA
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V—
D041
VIH
Input High Voltage
0.8 VDD
VDD
V—
D042
VIHH
Programing Voltage on VPP
VDD +1.5
9
V
D080
VOL
Output Low Voltage
0.4
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
1.4
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O pin (PGDx)
50
pF
To meet AC specifications
P1
TPGC
Serial Clock (PGCx) Period
125
ns
P1A
TPGCL
Serial Clock (PGCx) Low Time
50
ns
P1B
TPGCH
Serial Clock (PGCx) High Time
50
ns
P2
TSET1
Input Data Setup Time to Serial Clock
15
ns
P3
THLD1
Input Data Hold Time from PGCx
15
ns
P4
TDLY1
Delay Between 4-Bit Command and
Command Operand
40
ns
P4A
TDLY1A
Delay Between 4-Bit Command Operand
and the Next 4-Bit Command
40
ns
P5
TDLY2
Delay Between Last PGCx
↓ of Command
Byte and First PGCx
↑ of Read of Data
Word
20
ns
P6
TSET2VDD
↑ Setup Time to MCLR ↑
100
ns
P7
THLD2
Input Data Hold Time from MCLR
↑ VPP
(from VIHH to VIH)
25
ms
P8
TDLY3
Delay Between Last PGCx
↓ of Command
Byte and PGDx
↑ by Programming
Executive
12
μs—
P9
TDLY4
Programming Executive Command
Processing Time
40
μs—
P10
TDLY6
PGCx Low Time After Programming
400
ns
P11
TDLY7
Chip Erase Time
5
ms
P12
TDLY10
Page (4 rows) Erase Time
5
ms
P13
TDLY9
Row Programming Time
2
ms
P14
TR
MCLR Rise Time to Enter ICSP™ mode
1.0
μs—
P15
TVALID
Data Out Valid from PGCx
10
ns
P16
TDLY10
Delay Between Last PGCx
↓ and MCLR ↓
0—
s
P17
THLD3MCLR
↓ to VDD
—100
ns
P18
TKEY1
Delay Between First MCLR
↓ and First
PGCx
↑ for Key Sequence on PGDx
40
ns
P19
TKEY2
Delay Between Last PGCx
↓ for Key
Sequence on PGDx and Second MCLR
1—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com