전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 30 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 30 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 26Page - Microchip Technology PIC24F16KA102 Datasheet HTML 27Page - Microchip Technology PIC24F16KA102 Datasheet HTML 28Page - Microchip Technology PIC24F16KA102 Datasheet HTML 29Page - Microchip Technology PIC24F16KA102 Datasheet HTML 30Page - Microchip Technology PIC24F16KA102 Datasheet HTML 31Page - Microchip Technology PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology PIC24F16KA102 Datasheet HTML 33Page - Microchip Technology PIC24F16KA102 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 30
Advance Information
© 2008 Microchip Technology Inc.
IESO
FOSCSEL<7>
Internal External Switchover bit
1
= Internal External Switchover mode enabled (Two-Speed Start-up enabled)
0
= Internal External Switchover mode disabled (Two-Speed Start-up
disabled)
I2C1SEL(1)
FPOR<4>
Alternate I2C1 Pin Mapping bit(1)
0
= Alternate location for SCL1/SDA1 pins
1
= Default location for SCL1/SDA1 pins
MCLRE(2)
FPOR<7>
MCLR Pin Enable bit(2)
1
= MCLR pin enabled; RA5 input pin disabled
0
= RA5 input pin enabled; MCLR disabled
OSCIOFNC
FOSC<2>
CLKO Enable Configuration bit
1
= CLKO output signal active on the OSCO pin; primary oscillator must be
disabled or configured for the External Clock mode (EC) for the CLKO to
be active (POSCMD<1:0> = 11 or 00)
0
= CLKO output disabled
POSCMD<1:0>
FOSC<1:0>
Primary Oscillator Configuration bits
11
= Primary oscillator disabled
10
= HS Oscillator mode selected (4 MHz-25 MHz)
01
= XT Oscillator mode selected (100 kHz-4 MHz)
00
= External Clock mode selected
POSCFREQ<1:0> FOSC<4:3>
Primary Oscillator Frequency Range Configuration bits
11
= Primary oscillator/external clock input frequency greater than 8 MHz
10
= Primary oscillator/external clock input frequency between 100 kHz and
8 MHz
01
= Primary oscillator/external clock input frequency less than 100 kHz
00
= Reserved, do not use
PWRTEN
FPOR<3>
Power-up Timer Enable bit
0
= PWRT disabled
1
= PWRT enabled
RTCCKSEL
FDS<5>
RTCC Reference Clock Select bit
1
= RTCC uses SOSC as reference clock
0
= RTCC uses LPRC as reference clock
SOSCSEL
FOSC<5>
Secondary Oscillator Select bit
1
= Secondary oscillator configured for high-power operation
0
= Secondary oscillator configured for low-power operation
WDTPRE
FWDT<4>
WDT Prescaler
1
= WDT prescaler ratio of 1:128
0
= WDT prescaler ratio of 1:32
WDTPOST<3:0>
FWDT<3:0>
Watchdog Timer Postscale Select bits
1111
= 1:32,768
1110
= 1:16,384
0001
= 1:2
0000
= 1:1
WINDIS
FWDT<6>
Windowed Watchdog Timer Disable bit
1
= Standard WDT selected; windowed WDT disabled
0
= Windowed WDT enabled
TABLE 4-2:
PIC24FXXKAXXX FAMILY CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note 1:
Applies only to the 28-pin device.
2:
The MCLRE fuse can only be changed when using the VPP-Based Test mode entry. This prevents a user
from accidentally locking out the device from low-voltage test entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com