전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 34 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 34 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 30Page - Microchip Technology PIC24F16KA102 Datasheet HTML 31Page - Microchip Technology PIC24F16KA102 Datasheet HTML 32Page - Microchip Technology PIC24F16KA102 Datasheet HTML 33Page - Microchip Technology PIC24F16KA102 Datasheet HTML 34Page - Microchip Technology PIC24F16KA102 Datasheet HTML 35Page - Microchip Technology PIC24F16KA102 Datasheet HTML 36Page - Microchip Technology PIC24F16KA102 Datasheet HTML 37Page - Microchip Technology PIC24F16KA102 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 34
Advance Information
© 2008 Microchip Technology Inc.
5.2.2
PACKED DATA FORMAT
When 24-bit instruction words are transferred across
the 16-bit SPI interface, they are packed to conserve
space using the format illustrated in Figure 5-5. This
format minimizes the traffic over the SPI and provides
the programming executive the data that is properly
aligned for performing table write operations.
FIGURE 5-5:
PACKED INSTRUCTION
WORD FORMAT
5.2.3
PROGRAMMING EXECUTIVE
ERROR HANDLING
The
programming
executive
will
“NACK”
all
unsupported commands. Additionally, due to the
memory constraints of the programming executive, no
checking is performed on the data contained in the
programmer command. It is the responsibility of the
programmer to command the programming executive
with
valid
command
arguments;
otherwise,
the
programming operation might fail. Section 5.3.1.3
“QE_Code Field” provides additional information on
error handling.
Note:
When the number of instruction words
transferred is odd, MSb2 is zero and
LSW2 cannot be transmitted.
15
8 7
0
LSW1
MSb2
MSb1
LSW2
LSWx: Least Significant 16 bits of instruction word
MSbx: Most Significant bits of instruction word
TABLE 5-1:
PROGRAMMING EXECUTIVE COMMAND SET
Opcode
Mnemonic
Length
(16-bit words)
Time-out
Description
0h
SCHECK
1
1 msec
Sanity check.
1h
READC
3
1 msec
Read up to (256) 8-bit words starting from the specified Device
ID register.
2h
READP
4
1 msec/row
Read up to 32K instruction words of code memory starting
from the specified address.(1)
3h
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
4h
PROGC
4
5 msec
Write an 8-bit word to the specified Device ID registers.
5h
PROGP
99
5 msec
Program up to 32 instructions (one row) of code memory at the
specified address and then verify.(1)
6h
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
7h
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
8h
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
9h
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
Ah
QBLANK
3
TBD
Query if the code memory is blank.(1)
Bh
QVER
1
1 msec
Query the programming executive software version.
Ch
RESERVED
N/A
N/A
This command is reserved; it returns a NACK.
Dh
RESERVED
N/A
N/A
This command is reserved. it returns a NACK.
Eh
READD
4
1 msec/word Read up to (256) 16-bit words starting from the specified
address.
Fh
PROGD
19
5 msec
Program one word of data EEPROM memory at the specified
address and then verify.
Legend: TBD = To Be Determined
Note 1:
One row of code memory consists of (32) 24-bit words. Refer to Table 2-3 for device-specific information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com