전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 11 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 11 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 7Page - Microchip Technology PIC24F16KA102 Datasheet HTML 8Page - Microchip Technology PIC24F16KA102 Datasheet HTML 9Page - Microchip Technology PIC24F16KA102 Datasheet HTML 10Page - Microchip Technology PIC24F16KA102 Datasheet HTML 11Page - Microchip Technology PIC24F16KA102 Datasheet HTML 12Page - Microchip Technology PIC24F16KA102 Datasheet HTML 13Page - Microchip Technology PIC24F16KA102 Datasheet HTML 14Page - Microchip Technology PIC24F16KA102 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 11
FIGURE 3-7:
PACKED INSTRUCTION
WORDS IN W0:W5
15
8 7
0
W0
LSW0
W1
MSB1
MSB0
W2
LSW1
W3
LSW2
W4
MSB3
MSB2
W5
LSW3
TABLE 3-5:
SERIAL INSTRUCTION EXECUTION FOR WRITING CODE MEMORY
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit the Reset vector.
0000
0000
0000
000000
040200
000000
NOP
GOTO
0x200
NOP
Step 2: Set the NVMCON to program 32 instruction words.
0000
0000
24004A
883B0A
MOV
#0x4004, W10
MOV
W10, NVMCON
Step 3: Initialize the Write Pointer (W7) for TBLWT instruction.
0000
0000
0000
200xx0
880190
2xxxx7
MOV
#<DestinationAddress23:16>, W0
MOV
W0, TBLPAG
MOV
#<DestinationAddress15:0>, W7
Step 4: Load W0:W5 with the next 4 instruction words to program.
0000
0000
0000
0000
0000
0000
2xxxx0
2xxxx1
2xxxx2
2xxxx3
2xxxx4
2xxxx5
MOV
#<LSW0>, W0
MOV
#<MSB1:MSB0>, W1
MOV
#<LSW1>, W2
MOV
#<LSW2>, W3
MOV
#<MSB3:MSB2>, W4
MOV
#<LSW3>, W5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com