전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 19 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 19 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 15Page - Microchip Technology PIC24F16KA102 Datasheet HTML 16Page - Microchip Technology PIC24F16KA102 Datasheet HTML 17Page - Microchip Technology PIC24F16KA102 Datasheet HTML 18Page - Microchip Technology PIC24F16KA102 Datasheet HTML 19Page - Microchip Technology PIC24F16KA102 Datasheet HTML 20Page - Microchip Technology PIC24F16KA102 Datasheet HTML 21Page - Microchip Technology PIC24F16KA102 Datasheet HTML 22Page - Microchip Technology PIC24F16KA102 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 19
3.10
Reading Data EEPROM Memory
The procedure for reading data EEPROM memory is
the same as reading the code memory. The only differ-
ence is that the 16-bit data words are read instead of
the 24-bit words.
Table 3-10 provides the ICSP programming details for
reading data memory.
TABLE 3-10:
SERIAL INSTRUCTION EXECUTION FOR READING DATA EEPROM MEMORY
Note:
The TBLPAG register is hard-coded to
0x7F (the upper byte address of all
locations of data memory).
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit Reset vector.
0000
0000
0000
000000
040200
000000
NOP
GOTO
0x200
NOP
Step 2: Initialize TBLPAG and the Read Pointer (W6) for TBLRD instruction.
0000
0000
0000
2007F0
880190
2FExx6h
MOV
#0x7F, W0
MOV
W0, TBLPAG
MOV
#<SourceAddress15:0>, W6;(FExx)
Step 3: Initialize the Write Pointer (W7) to point to the VISI register.
0000
0000
207847
000000
MOV
#VISI, W7
NOP
Step 4: Read and clock out the contents of the next location of data EEPROM memory through the VISI register
using the REGOUT command.
0000
0000
0000
0001
0000
BA1B96
000000
000000
<VISI>
000000
TBLRDL
[W6++], [W7]
NOP
NOP
Clock out contents of VISI register.
NOP
Step 5: Repeat Step 4 until the required data EEPROM memory is read.
Step 6: Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com