전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102 데이터시트(PDF) 20 Page - Microchip Technology

부품명 PIC24F16KA102
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 데이터시트(HTML) 20 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 16Page - Microchip Technology PIC24F16KA102 Datasheet HTML 17Page - Microchip Technology PIC24F16KA102 Datasheet HTML 18Page - Microchip Technology PIC24F16KA102 Datasheet HTML 19Page - Microchip Technology PIC24F16KA102 Datasheet HTML 20Page - Microchip Technology PIC24F16KA102 Datasheet HTML 21Page - Microchip Technology PIC24F16KA102 Datasheet HTML 22Page - Microchip Technology PIC24F16KA102 Datasheet HTML 23Page - Microchip Technology PIC24F16KA102 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 20
Advance Information
© 2008 Microchip Technology Inc.
3.11
Reading Configuration Memory
The procedure for reading a Configuration register is
the same as reading the code memory. The only
difference is that the 16-bit data words are read (with
the upper byte read being all ‘0‘s) instead of the 24-bit
words. There are eight Configuration registers and they
are read one register at a time.
Table 3-11 provides the ICSP programming details for
reading all of the Configuration registers.
Note:
The
TBLPAG
register
should
be
hard-coded to 0xF8 (the upper byte
address of the Configuration register) and
the Read Pointer, W6, is initialized to
0x00h.
TABLE 3-11:
SERIAL INSTRUCTION EXECUTION FOR READING ALL THE CONFIGURATION
REGISTERS
Command
(Binary)
Data
(Hex)
Description
Step 1:
Exit Reset vector.
0000
0000
0000
000000
040200
000000
NOP
GOTO
0x200
NOP
Step 2:
Initialize TBLPAG, the Read Pointer (W6) and the Write Pointer (W7) for TBLRD instruction.
0000
0000
0000
0000
0000
200F80
880190
200007
207847
000000
MOV
#0xF8, W0
MOV
W0, TBLPAG
MOV
#0x0000,W6
MOV
#VISI, W7
NOP
Step 3:
Read the Configuration register and write it to the VISI register (located at 784h), and clock out the
VISI register using the REGOUT command.
0000
0000
0000
0001
BA0BB6
000000
000000
<VISI>
TBLRDL
[W6++], [W7]
NOP
NOP
Clock out contents of VISI register.
Step 4:
Repeat Step 3 to read other fuses. Load W6 with their respective address.
Step 5:
Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com