| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 172 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 172 Page - Agere Systems |
|
172 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 172 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VDD2— E31 ‡VDD2— E32 ‡VDD2— F5 ‡VDD2— F30 ‡VDD2— AJ5 ‡VDD2— AJ30 ‡VDD2 — AK3 ‡VDD2 — AK4 ‡VDD2 — AK5 ‡VDD2 — AK6 ‡VDD2— AK29 ‡VDD2— AK30 ‡VDD2— AK31 ‡VDD2— AK32 ‡VDD2— AL5 ‡VDD2— AL30 ‡VDD2— AM5 ‡VDD2— AM30 ‡VSS A1 A1 ‡VSS A2 A2 ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —A33 ‡VSS A26 A34 ‡VSS —B1 ‡VSS B2 B2 ‡VSS B25 B33 ‡VSS B26 B34 ‡VSS —— ‡VSS C3 C3 ‡VSS —C8 ‡VSS —C12 ‡VSS —C16 ‡VSS —C19 |