| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 174 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 174 Page - Agere Systems |
|
174 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 174 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VSS AE1 AN1 ‡VSS AE2 AN2 ‡VSS —— ‡VSS —— ‡VSS AE25 AN33 ‡VSS —AN34 ‡VSS AF1 AP1 ‡VSS — AP2 ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS —— ‡VSS AF25 AP33 ‡VSS AF26 AP34 ‡VSS L11 N13 ‡VSS L12 N14 ‡VSS L13 N15 ‡VDD2— N16 ‡VDD2— N17 ‡VDD2— N18 ‡VDD2— N19 ‡VSS L14 N20 ‡VSS L15 N21 ‡VSS L16 N22 ‡VSS M11 P13 ‡VSS M12 P14 ‡VSS M13 P15 ‡VDD2— P16 ‡VDD2— P17 ‡VDD2— P18 ‡VDD2— P19 ‡VSS M14 P20 ‡VSS M15 P21 ‡VSS M16 P22 ‡VSS N11 R13 |