전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 175 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 175 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 171Page - Agere Systems OR3LP26B Datasheet HTML 172Page - Agere Systems OR3LP26B Datasheet HTML 173Page - Agere Systems OR3LP26B Datasheet HTML 174Page - Agere Systems OR3LP26B Datasheet HTML 175Page - Agere Systems OR3LP26B Datasheet HTML 176Page - Agere Systems OR3LP26B Datasheet HTML 177Page - Agere Systems OR3LP26B Datasheet HTML 178Page - Agere Systems OR3LP26B Datasheet HTML 179Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
Lucent Technologies Inc.
175
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
‡VSS
N12
R14
‡VSS
N13
R15
‡VDD2—
R16
‡VDD2—
R17
‡VDD2—
R18
‡VDD2—
R19
‡VSS
N14
R20
‡VSS
N15
R21
‡VSS
N16
R22
‡VDD2—
T13
‡VDD2—
T14
‡VDD2—
T15
‡VSS
—T16
‡VSS
—T17
‡VSS
—T18
‡VSS
—T19
‡VDD2—
T20
‡VDD2—
T21
‡VDD2—
T22
‡VDD2—
U13
‡VDD2—
U14
‡VDD2—
U15
‡VSS
—U16
‡VSS
—U17
‡VSS
—U18
‡VSS
—U19
‡VDD2—
U20
‡VDD2—
U21
‡VDD2—
U22
‡VDD2—
V13
‡VDD2—
V14
‡VDD2—
V15
‡VSS
—V16
‡VSS
—V17
‡VSS
—V18
‡VSS
—V19
‡VDD2—
V20
‡VDD2—
V21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More