| 전자부품 데이터시트 검색엔진 |
|
OR3LP26B 데이터시트(PDF) 173 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B 데이터시트(HTML) 173 Page - Agere Systems |
|
173 / 184 page ![]() Lucent Technologies Inc. 173 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VSS —C23 ‡VSS —C27 ‡VSS C24 C32 ‡VSS —— ‡VSS D4 D4 ‡VSS D9 — ‡VSS D14 — ‡VSS D19 — ‡VSS D23 D31 ‡VSS —H3 ‡VSS —H32 ‡VSS H4 M3 ‡VSS J23 M32 ‡VSS —T3 ‡VSS —T32 ‡VSS N4 — ‡VSS P23 — ‡VSS —W3 ‡VSS —W32 ‡VSS V4 AC3 ‡VSS W23 AC32 ‡VSS —AG3 ‡VSS —AG32 ‡VSS AC4 AL4 ‡VSS AC8 — ‡VSS AC13 — ‡VSS AC18 — ‡VSS AC23 AL31 ‡VSS —— ‡VSS AD3 AM3 ‡VSS —AM8 ‡VSS — AM12 ‡VSS — AM16 ‡VSS — AM19 ‡VSS — AM23 ‡VSS — AM27 ‡VSS AD24 AM32 ‡VSS — |