전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 33 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 33 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 29Page - Microsemi Corporation APA600 Datasheet HTML 30Page - Microsemi Corporation APA600 Datasheet HTML 31Page - Microsemi Corporation APA600 Datasheet HTML 32Page - Microsemi Corporation APA600 Datasheet HTML 33Page - Microsemi Corporation APA600 Datasheet HTML 34Page - Microsemi Corporation APA600 Datasheet HTML 35Page - Microsemi Corporation APA600 Datasheet HTML 36Page - Microsemi Corporation APA600 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-23
Note: Each RAM block contains a multiplexer (called DMUX) for each output signal, increasing design efficiency. These DMUX cells do not
consume any core logic tiles and connect directly to high-speed routing resources between the RAM blocks. They are used when
RAM blocks are cascaded and are automatically inserted by the software tools.
Figure 2-19 • Basic FIFO Block Diagrams
Table 2-15 • Memory Block FIFO Interface Signals
FIFO Signal
Bits
In/Out
Description
WCLKS
1
In
Write clock used for synchronization on write side
RCLKS
1
In
Read clock used for synchronization on read side
LEVEL <0:7>
8
In
Direct configuration implements static flag logic
RBLKB
1
In
Read block select (active Low)
RDB
1
In
Read pulse (active Low)
RESET
1
In
Reset for FIFO pointers (active Low)
WBLKB
1
In
Write block select (active Low)
DI<0:8>
9
In
Input data bits <0:8>, <8> will be generated parity if PARGEN is true
WRB
1
In
Write pulse (active Low)
FULL, EMPTY
2
Out
FIFO flags. FULL prevents write and EMPTY prevents read
EQTH, GEQTH
2
Out
EQTH is true when the FIFO holds the number of words specified by the LEVEL signal.
GEQTH is true when the FIFO holds (LEVEL) words or more
DO<0:8>
9
Out
Output data bits <0:8>. <8> will be parity output if PARGEN is true.
RPE
1
Out
Read parity error (active High)
WPE
1
Out
Write parity error (active High)
LGDEP <0:2>
3
In
Configures DEPTH of the FIFO to 2 (LGDEP+1)
PARODD
1
In
Parity generation/detect – Even when Low, odd when High
FIFO
(256x9)
LEVEL<0:7>
DO <0:8>
DI<0:8>
WRB
RDB
WBLKB
RBLKB
RPE
PARODD
WPE
LGDEP<0:2>
FULL
EMPTY
EQTH
GEQTH
WCLKS
RCLKS
RESET
RESET
RPE
WPE
FULL
EMPTY
EQTH
GEQTH
DO <0:8>
RPE
WPE
FULL
EMPTY
EQTH
GEQTH
DI <0:8>
DO <0:8>
LEVEL <0:7>
WRB
RDB
WBLKB
RBLKB
RPE
PARODD
WPE
LGDEP<0:2>
DI <0:8>
LEVEL <0:7>
WRB
RDB
WBLKB
RBLKB
PARODD
LGDEP<0:2>
FULL
EMPTY
EQTH
GEQTH
RCLKS
RESET
RESET
LEVEL<0:7>
DI<0:8>
WRB
RDB
WBLKB
RBLKB
PARODD
LGDEP<0:2>
WCLKS
DO <0:8>
FIFO
(256x9)
FIFO
(256x9)
FIFO
(256x9)
Sync Write
and
Sync Read
Ports
Sync Write
and
Async Read
Ports
Async Write
and
Sync Read
Ports
Async Write
and
Async Read
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com