전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 64 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 64 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 60Page - Microsemi Corporation APA600 Datasheet HTML 61Page - Microsemi Corporation APA600 Datasheet HTML 62Page - Microsemi Corporation APA600 Datasheet HTML 63Page - Microsemi Corporation APA600 Datasheet HTML 64Page - Microsemi Corporation APA600 Datasheet HTML 65Page - Microsemi Corporation APA600 Datasheet HTML 66Page - Microsemi Corporation APA600 Datasheet HTML 67Page - Microsemi Corporation APA600 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 54
v5.9
Embedded Memory Specifications
This section discusses ProASICPLUS SRAM/FIFO embedded
memory and its interface signals, including timing
diagrams that show the relationships of signals as they
pertain to single embedded memory blocks (Table 2-51).
Table 2-13 on page 2-21 shows basic SRAM and FIFO
configurations. Simultaneous read and write to the same
location must be done with care. On such accesses the DI
bus is output to the DO bus. Refer to the ProASICPLUS
RAM and FIFO Blocks application note for more
information.
Enclosed Timing Diagrams—SRAM Mode:
•
"Synchronous SRAM Read, Access Timed Output
Strobe (Synchronous Transparent)" section on
page 2-55
•
"Synchronous SRAM Read, Pipeline Mode Outputs
(Synchronous Pipelined)" section on page 2-56
•
"Asynchronous SRAM Write" section on page 2-57
•
"Asynchronous SRAM Read, Address Controlled,
RDB=0" section on page 2-58
•
"Asynchronous SRAM Read, RDB Controlled"
section on page 2-58
•
"Synchronous SRAM Write"
•
Embedded Memory Specifications
The difference between synchronous transparent and
pipeline modes is the timing of all the output signals
from the memory. In transparent mode, the outputs will
change within the same clock cycle to reflect the data
requested by the currently valid access to the memory. If
clock cycles are short (high clock speed), the data
requires most of the clock cycle to change to valid values
(stable signals). Processing of this data in the same clock
cycle is nearly impossible. Most designers add registers at
all outputs of the memory to push the data processing
into the next clock cycle. An entire clock cycle can then
be used to process the data. To simplify use of this
memory
setup,
suitable
registers
have
been
implemented as part of the memory primitive and are
available to the user in the synchronous pipeline mode.
In this mode, the output signals will change shortly after
the second rising edge, following the initiation of the
read access.
Table 2-51 • Memory Block SRAM Interface Signals
SRAM Signal
Bits
In/Out
Description
WCLKS
1
In
Write clock used on synchronization on write side
RCLKS
1
In
Read clock used on synchronization on read side
RADDR[0:7]
8
In
Read address
RBLKB
1
In
True read block select (active Low)
RDB
1
In
True read pulse (active Low)
WADDR[0:7]
8
In
Write address
WBLKB
1
In
Write block select (active Low)
DI[0:8]
9
In
Input data bits [0:8], [8] can be used for parity In
WRB
1
In
Negative true write pulse
DO[0:8]
9
Out
Output data bits [0:8], [8] can be used for parity Out
RPE
1
Out
Read parity error (active High)
WPE
1
Out
Write parity error (active High)
PARODD
1
In
Selects odd parity generation/detect when high, even when low
Note: Not all signals shown are used in all modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com