전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 63 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 63 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 59Page - Microsemi Corporation APA600 Datasheet HTML 60Page - Microsemi Corporation APA600 Datasheet HTML 61Page - Microsemi Corporation APA600 Datasheet HTML 62Page - Microsemi Corporation APA600 Datasheet HTML 63Page - Microsemi Corporation APA600 Datasheet HTML 64Page - Microsemi Corporation APA600 Datasheet HTML 65Page - Microsemi Corporation APA600 Datasheet HTML 66Page - Microsemi Corporation APA600 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-53
Table 2-50 • JTAG Switching Characteristics
Description
Symbol
Min
Max
Unit
Output delay from TCK falling to TDI, TMS
tTCKTDI
–4
4
ns
TDO Setup time before TCK rising
tTDOTCK
10
ns
TDO Hold time after TCK rising
tTCKTDO
0
ns
TCK period
tTCK
100 2
1,000
ns
RCK period
tRCK
100
1,000
ns
Notes:
1. For DC electrical specifications of the JTAG pins (TCK, TDI, TMS, TDO, TRST), refer to Table 2-22 on page 2-34 when VDDP = 2.5 V
and Table 2-24 on page 2-38 when VDDP = 3.3 V.
2. If RCK is being used, there is no minimum on the TCK period.
Figure 2-27 • JTAG Operation Timing
TCK
TMS, TDI
TDO
tTCK
tTCKTDI
tTCKTDO
tTDOTCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com