전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 79 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 79 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 75Page - Microsemi Corporation APA600 Datasheet HTML 76Page - Microsemi Corporation APA600 Datasheet HTML 77Page - Microsemi Corporation APA600 Datasheet HTML 78Page - Microsemi Corporation APA600 Datasheet HTML 79Page - Microsemi Corporation APA600 Datasheet HTML 80Page - Microsemi Corporation APA600 Datasheet HTML 81Page - Microsemi Corporation APA600 Datasheet HTML 82Page - Microsemi Corporation APA600 Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-69
Synchronous FIFO Read, Access Timed Output Strobe (Synchronous Transparent)
Note: The plot shows the normal operation status.
Figure 2-42 • Synchronous FIFO Read, Access Timed Output Strobe (Synchronous Transparent)
Table 2-65 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
ECBA
New EMPTY access from RCLKS
↓
3.0*
ns
FCBA
FULL
↓ access from RCLKS ↓
3.0*
ns
ECBH,
FCBH,
THCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from RCLKS
↓
1.0
ns
Empty/full/thresh are invalid from the end
of hold until the new access is complete
OCA
New DO access from RCLKS
↑
7.5
ns
OCH
Old DO valid from RCLKS
↑
3.0
ns
RDCH
RDB hold from RCLKS
↑
0.5
ns
RDCS
RDB setup to RCLKS
↑
1.0
ns
RPCA
New RPE access from RCLKS
↑
9.5
ns
RPCH
Old RPE valid from RCLKS
↑
3.0
ns
HCBA
EQTH or GETH access from RCLKS
↓
4.5
ns
Note: *At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMH), 3.0 ns.
RCLK
RPE
RDATA
EMPTY
EQTH, GETH
FULL
RDB
tRDCH
tOCH
tRPCH
tRDCS
OldDataOut
New Valid Data Out (Empty Inhibits Read)
Cycle Start
tECBH, tFCBH
tECBA, tFCBA
tOCA
tRPCA
tCMH
tCML
tCCYC
tTHCBH
tHCBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com