전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 18 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 18 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 14Page - Microsemi Corporation APA600 Datasheet HTML 15Page - Microsemi Corporation APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation APA600 Datasheet HTML 18Page - Microsemi Corporation APA600 Datasheet HTML 19Page - Microsemi Corporation APA600 Datasheet HTML 20Page - Microsemi Corporation APA600 Datasheet HTML 21Page - Microsemi Corporation APA600 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 8
v5.9
Boundary Scan (JTAG)
ProASICPLUS devices are compatible with IEEE Standard
1149.1, which defines a set of hardware architecture and
mechanisms for cost-effective, board-level testing. The
basic ProASICPLUS boundary-scan logic circuit is composed
of the TAP (test access port), TAP controller, test data
registers, and instruction register (Figure 2-9). This circuit
supports all mandatory IEEE 1149.1 instructions (EXTEST,
SAMPLE/PRELOAD
and
BYPASS)
and
the
optional
IDCODE instruction (Table 2-6).
Each test section is accessed through the TAP, which has
five associated pins: TCK (test clock input), TDI and TDO
(test data input and output), TMS (test mode selector)
and TRST (test reset input). TMS, TDI and TRST are
equipped with pull-up resistors to ensure proper
operation when no input data is supplied to them. These
pins are dedicated for boundary-scan test usage. Actel
recommends that a nominal 20 k
Ω pull-up resistor is
added to TDO and TCK pins.
The TAP controller is a four-bit state machine (16 states)
that operates as shown in Figure 2-10 on page 2-9. The
1s and 0s represent the values that must be present at
TMS at a rising edge of TCK for the given state transition
to occur. IR and DR indicate that the instruction register
or the data register is operating in that state.
ProASICPLUS devices have to be programmed at least
once for complete boundary-scan functionality to be
available. Prior to being programmed, EXTEST is not
available. If boundary-scan functionality is required prior
to programming, refer to online technical support on the
Actel website and search for ProASICPLUS BSDL.
Figure 2-9 • ProASICPLUS JTAG Boundary Scan Test Logic Circuit
Device
Logic
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Bypass Register
Instruction
Register
TAP
Controller
Test Data
Registers
Table 2-6 •
Boundary-Scan Opcodes
Hex Opcode
EXTEST
00
SAMPLE/PRELOAD
01
IDCODE
0F
CLAMP
05
BYPASS
FF
Table 2-6 •
Boundary-Scan Opcodes
Hex Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com