전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 46 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 46 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 42Page - Microsemi Corporation APA600 Datasheet HTML 43Page - Microsemi Corporation APA600 Datasheet HTML 44Page - Microsemi Corporation APA600 Datasheet HTML 45Page - Microsemi Corporation APA600 Datasheet HTML 46Page - Microsemi Corporation APA600 Datasheet HTML 47Page - Microsemi Corporation APA600 Datasheet HTML 48Page - Microsemi Corporation APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 36
v5.9
Table 2-23 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V)
Applies to Commercial and Industrial Temperature Only
Symbol
Parameter
Conditions
Commercial/Industrial1
Units
Min.
Typ.
Max.
VOH
Output High Voltage
3.3 V I/O, High Drive (OB33P)
3.3 V I/O, Low Drive (OB33L)
IOH = –14 mA
IOH = –24 mA
IOH = –6 mA
IOH = –12 mA
0.9
∗V
DDP
2.4
0.9
∗V
DDP
2.4
V
VOL
Output Low Voltage
3.3 V I/O, High Drive (OB33P)
3.3 V I/O, Low Drive (OB33L)
IOL = 15 mA
IOL = 20 mA
IOL = 28 mA
IOL = 7 mA
IOL = 10 mA
IOL = 15 mA
0.1VDDP
0.4
0.7
0.1VDDP
0.4
0.7
V
VIH
2
Input High Voltage
3.3 V Schmitt Trigger Inputs
3.3 V LVTTL/LVCMOS
2.5 V Mode
1.6
2
1.7
VDDP + 0.3
VDDP + 0.3
VDDP + 0.3
V
VIL
3
Input Low Voltage
3.3 V Schmitt Trigger Inputs
3.3 V LVTTL/LVCMOS
2.5 V Mode
–0.3
–0.3
–0.3
0.8
0.8
0.7
V
RWEAKPULLUP Weak
Pull-up
Resistance
(IOB33U)
VIN ≥ 1.5 V
7
43
k
Ω
RWEAKPULLUP Weak
Pull-up
Resistance
(IOB25U)
VIN ≥ 1.5 V
7
43
k
Ω
IIN
Input Current
with pull up (VIN = GND)
–300
–40
µA
without pull up (VIN = GND or VDD)
–10
10
µA
IDDQ
Quiescent Supply Current
(standby)
Commercial
VIN = GND
4 or V
DD
Std.
5.0
15
mA
IDDQ
Quiescent Supply Current
(standby)
Industrial
VIN = GND
4 or V
DD
Std.
5.0
20
mA
IDDQ
Quiescent Supply Current
(standby)
Military
VIN = GND
4 or V
DD
Std.
5.0
25
mA
Notes:
1. All process conditions. Commercial/Industrial: Junction Temperature: –40 to +110°C.
2. During transitions, the input signal may overshoot to VDDP +1.0 V for a limited time of no larger than 10% of the duty cycle.
3. During transitions, the input signal may undershoot to –1.0 V for a limited time of no larger than 10% of the duty cycle.
4. No pull-up resistor required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com