전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 20 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 20 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation APA600 Datasheet HTML 18Page - Microsemi Corporation APA600 Datasheet HTML 19Page - Microsemi Corporation APA600 Datasheet HTML 20Page - Microsemi Corporation APA600 Datasheet HTML 21Page - Microsemi Corporation APA600 Datasheet HTML 22Page - Microsemi Corporation APA600 Datasheet HTML 23Page - Microsemi Corporation APA600 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 10
v5.9
Timing Control and
Characteristics
ProASICPLUS Clock Management System
ProASICPLUS devices provide designers with very flexible
clock conditioning capabilities. Each member of the
ProASICPLUS family contains two phase-locked loop (PLL)
blocks which perform the following functions:
•
Clock Phase Adjustment via Programmable Delay
(250 ps steps from –7 ns to +8 ns)
•
Clock Skew Minimization
•
Clock Frequency Synthesis
Each PLL has the following key features:
•
Input Frequency Range (fIN) = 1.5 to 180 MHz
•
Feedback Frequency Range (fVCO) = 24 to 180 MHz
•
Output Frequency Range (fOUT) = 8 to 180 MHz
•
Output Phase Shift = 0 ° and 180 °
•
Output Duty Cycle = 50%
•
Low Output Jitter (maximum at 25°C)
–fVCO <10 MHz. Jitter ±1% or better
–
10 MHz < fVCO < 60 MHz. Jitter ±2% or better
–fVCO > 60 MHz. Jitter ±1% or better
Note: Jitter (ps) = Jitter (%) × period
For Example:
•
Low Power Consumption – 6.9 mW (max. – analog
supply) + 7.0 µW/MHz (max. – digital supply)
Physical Implementation
Each side of the chip contains a clock conditioning circuit
based on a 180 MHz PLL block (Figure 2-11 on page
2-11). Two global multiplexed lines extend along each
side of the chip to provide bidirectional access to the PLL
on that side (neither MUX can be connected to the
opposite side's PLL). Each global line has optional LVPECL
input pads (described below). The global lines may be
driven by either the LVPECL global input pad or the
outputs from the PLL block, or both. Each global line can
be driven by a different output from the PLL. Unused
global pins can be configured as regular I/Os or left
unconnected. They default to an input with pull-up. The
two signals available to drive the global networks are as
follows (Figure 2-12 on page 2-12, Table 2-7 on page 2-
12, and Table 2-8 on page 2-13):
Global A (secondary clock)
•
Output from Global MUX A
•
Conditioned version of PLL output (fOUT) – delayed
or advanced
•
Divided version of either of the above
•
Further delayed version of either of the above
(0.25 ns, 0.50 ns, or 4.00 ns delay)1
Global B
•
Output from Global MUX B
•
Delayed or advanced version of fOUT
•
Divided version of either of the above
•
Further delayed version of either of the above
(0.25 ns, 0.50 ns, or 4.00 ns delay)2
Functional Description
Each PLL block contains four programmable dividers as
shown in Figure 2-11 on page 2-11. These allow
frequency scaling of the input clock signal as follows:
•
The n divider divides the input clock by integer
factors from 1 to 32.
•
The m divider in the feedback path allows
multiplication of the input clock by integer factors
ranging from 1 to 64.
•
The two dividers together can implement any
combination
of
multiplication
and
division
resulting in a clock frequency between 24 and 180
MHz exiting the PLL core. This clock has a fixed
50% duty cycle.
•
The output frequency of the PLL core is given by
the formula in EQ 2-1 (fREF is the reference clock
frequency):
fOUT = fREF × m ÷ n
EQ 2-1
•
The third and fourth dividers (u and v) permit the
signals applied to the global network to each be
further divided by integer factors ranging from 1
to 4.
The implementations shown in EQ 2-2 and EQ 2-3 enable
the user to define a wide range of frequency multiplier
and divisors.
EQ 2-2
EQ 2-3
Jitter in picoseconds at 100 MHz = 0.01 × (1/100E6) = 100 ps
•
Maximum Acquisition
Time
= 80 µs for fVCO > 40 MHz
= 30 µs for fVCO < 40 MHz
1. This mode is available through the delay feature of the global MUX driver.
f
GLB
m
nu
×
()
-----------------
=
f
GLA
m
nv
×
()
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com