전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 53 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 53 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation APA600 Datasheet HTML 51Page - Microsemi Corporation APA600 Datasheet HTML 52Page - Microsemi Corporation APA600 Datasheet HTML 53Page - Microsemi Corporation APA600 Datasheet HTML 54Page - Microsemi Corporation APA600 Datasheet HTML 55Page - Microsemi Corporation APA600 Datasheet HTML 56Page - Microsemi Corporation APA600 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-43
Table 2-29 • Worst-Case Military Conditions
VDDP = 3.0 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max.
tDLH
1
Max.
tDHL
2
Max.
tENZH
3
Max.
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB33PH
3.3 V, PCI Output Current, High Slew Rate
2.2
2.4
2.3
2.1
ns
OTB33PN
3.3 V, High Output Current, Nominal Slew Rate
2.4
3.2
2.7
2.3
ns
OTB33PL
3.3 V, High Output Current, Low Slew Rate
2.7
3.5
2.9
3.0
ns
OTB33LH
3.3 V, Low Output Current, High Slew Rate
2.7
4.3
3.0
3.1
ns
OTB33LN
3.3 V, Low Output Current, Nominal Slew Rate
3.3
4.7
3.4
4.4
ns
OTB33LL
3.3 V, Low Output Current, Low Slew Rate
3.2
6.0
3.5
5.9
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
3. tENZH = Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
Table 2-30 • Worst-Case Military Conditions
VDDP = 2.3 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max.
tDLH
1
Max.
tDHL
2
Max.
tENZH
3
Max.
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB25LPHH
2.5 V, Low Power, High Output Current, High Slew Rate5
2.3
2.3
2.4
2.1
ns
OTB25LPHN
2.5 V, Low Power, High Output Current, Nominal Slew
Rate5
2.7
3.2
2.8
2.1
ns
OTB25LPHL
2.5 V, Low Power, High Output Current, Low Slew Rate5
3.2
3.5
3.3
2.8
ns
OTB25LPLH
2.5 V, Low Power, Low Output Current, High Slew Rate5
3.0
5.0
3.2
2.8
ns
OTB25LPLN
2.5 V, Low Power, Low Output Current, Nominal Slew Rate5
3.7
4.5
4.1
4.1
ns
OTB25LPLL
2.5 V, Low Power, Low Output Current, Low Slew Rate5
4.4
5.8
4.4
5.4
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
3. tENZH = Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
5. Low power I/O work with VDDP = 2.5 V ± 10% only. VDDP = 2.3 V for delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com