전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 67 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 67 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 63Page - Microsemi Corporation APA600 Datasheet HTML 64Page - Microsemi Corporation APA600 Datasheet HTML 65Page - Microsemi Corporation APA600 Datasheet HTML 66Page - Microsemi Corporation APA600 Datasheet HTML 67Page - Microsemi Corporation APA600 Datasheet HTML 68Page - Microsemi Corporation APA600 Datasheet HTML 69Page - Microsemi Corporation APA600 Datasheet HTML 70Page - Microsemi Corporation APA600 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-57
Asynchronous SRAM Write
Note: The plot shows the normal operation status.
Figure 2-30 • Asynchronous SRAM Write
Table 2-54 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883B
Symbol txxx
Description
Min.
Max.
Units
Notes
AWRH
WADDR hold from WB
↑
1.0
ns
AWRS
WADDR setup to WB
↓
0.5
ns
DWRH
DI hold from WB
↑
1.5
ns
DWRS
DI setup to WB
↑
0.5
ns
PARGEN is inactive.
DWRS
DI setup to WB
↑
2.5
ns
PARGEN is active.
WPDA
WPE access from DI
3.0
ns
WPE is invalid, while PARGEN is
active.
WPDH
WPE hold from DI
1.0
ns
WRCYC
Cycle time
7.5
ns
WRMH
WB high phase
3.0
ns
Inactive
WRML
WB low phase
3.0
ns
Active
WRB, WBLKB
WADDR
WPE
DI
tAWRS
tWPDA
tAWRH
tDWRS
tWRML
tWRMH
tWRCYC
tWPDH
tDWRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com