전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA600 데이터시트(PDF) 37 Page - Microsemi Corporation

부품명 APA600
상세설명  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 데이터시트(HTML) 37 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 33Page - Microsemi Corporation APA600 Datasheet HTML 34Page - Microsemi Corporation APA600 Datasheet HTML 35Page - Microsemi Corporation APA600 Datasheet HTML 36Page - Microsemi Corporation APA600 Datasheet HTML 37Page - Microsemi Corporation APA600 Datasheet HTML 38Page - Microsemi Corporation APA600 Datasheet HTML 39Page - Microsemi Corporation APA600 Datasheet HTML 40Page - Microsemi Corporation APA600 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-27
Package Thermal Characteristics
The ProASICPLUS family is available in several package
types with a range of pin counts. Actel has selected
packages based on high pin count, reliability factors, and
superior thermal characteristics.
Thermal resistance defines the ability of a package to
conduct heat away from the silicon, through the
package to the surrounding air. Junction-to-ambient
thermal resistance is measured in degrees Celsius/Watt
and is represented as Theta ja
(Θja). The lower the
thermal resistance, the more efficiently a package will
dissipate heat.
A package’s maximum allowed power (P) is a function of
maximum junction temperature (TJ), maximum ambient
operating temperature (TA), and junction-to-ambient
thermal resistance Θja. Maximum junction temperature is
the maximum allowable temperature on the active
surface of the integrated circuit (IC) and is 110°C. P is
defined as shown in
EQ 2-4:
EQ 2-4
Θ
ja is a function of the rate (in linear feet per minute
(lfpm)) of airflow in contact with the package. When the
estimated power consumption exceeds the maximum
allowed power, other means of cooling, such as
increasing the airflow rate, must be used. The maximum
power dissipation allowed for a Military temperature
device is specified as a function of Θjc. The absolute
maximum junction temperature is 150°C.
The calculation of the absolute maximum power
dissipation
allowed
for
a
Military
temperature
application is illustrated in the following example for a
456-pin PBGA package:
EQ 2-5
P
T
J
T
A
–
Θ
ja
-----------------
=
Table 2-16 • Package Thermal Characteristics
Plastic Packages
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft./min.
2.5 m/s
500 ft./min.
Thin Quad Flat Pack (TQFP)
100
14.0
33.5
27.4
25.0
°C/W
Thin Quad Flat Pack (TQFP)
144
11.0
33.5
28.0
25.7
°C/W
Plastic Quad Flat Pack (PQFP)1
208
8.0
26.1
22.5
20.8
°C/W
PQFP with heat spreader2
208
3.8
16.2
13.3
11.9
°C/W
Plastic Ball Grid Array (PBGA)
456
3.0
15.6
12.5
11.6
°C/W
Fine Pitch Ball Grid Array (FBGA)
144
3.8
26.9
22.9
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
256
3.8
26.6
22.8
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)3
484
3.2
18.0
14.7
13.6
°C/W
Fine Pitch Ball Grid Array (FBGA)4
484
3.2
20.5
17.0
15.9
°C/W
Fine Pitch Ball Grid Array (FBGA)
676
3.2
16.4
13.0
12.0
°C/W
Fine Pitch Ball Grid Array (FBGA)
896
2.4
13.6
10.4
9.4
°C/W
Fine Pitch Ball Grid Array (FBGA)
1152
1.8
12.0
8.9
7.9
°C/W
Ceramic Quad Flat Pack (CQFP)
208
2.0
22.0
19.8
18.0
°C/W
Ceramic Quad Flat Pack (CQFP)
352
2.0
17.9
16.1
14.7
°C/W
Ceramic Column Grid Array (CCGA/LGA)
624
6.5
8.9
8.5
8.0
°C/W
Notes:
1. Valid for the following devices irrespective of temperature grade: APA075, APA150, and APA300
2. Valid for the following devices irrespective of temperature grade: APA450, APA600, APA750, and APA1000
3. Depopulated array
4. Full array
Maximum Power Allowed
Max. junction temp. (
°C) Max. case temp. (°C)
–
θ
jc(°C/W)
-----------------------------------------------------------------------------------------------------------------------------
150
°C125°C
–
3.0
°C/W
----------------------------------------
8.333W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com