전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4228 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 AN4228
상세설명  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 65Page - STMicroelectronics AN4228 Datasheet HTML 66Page - STMicroelectronics AN4228 Datasheet HTML 67Page - STMicroelectronics AN4228 Datasheet HTML 68Page - STMicroelectronics AN4228 Datasheet HTML 69Page - STMicroelectronics AN4228 Datasheet HTML 70Page - STMicroelectronics AN4228 Datasheet HTML 71Page - STMicroelectronics AN4228 Datasheet HTML 72Page - STMicroelectronics AN4228 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
DocID024110 Rev 5
69/90
AN4228
Firmware migration using the library
89
4.14
SPI driver
The STM32F3xx SPI includes some new features as compared with STM32F10x SPI.
Table 28 presents the SPI driver API correspondence between STM32F10x and
STM32F3xx Libraries.
Table 28. STM32F10x and STM32F3xx SPI driver API correspondence
STM32F10x SPI driver API
STM32F3xx SPI driver API
void SPI_I2S_DeInit(SPI_TypeDef* SPIx);
void SPI_I2S_DeInit(SPI_TypeDef* SPIx);
void SPI_Init(SPI_TypeDef* SPIx, SPI_InitTypeDef*
SPI_InitStruct);
void SPI_Init(SPI_TypeDef* SPIx, SPI_InitTypeDef*
SPI_InitStruct);
void I2S_Init(SPI_TypeDef* SPIx, I2S_InitTypeDef*
I2S_InitStruct);
void I2S_Init(SPI_TypeDef* SPIx, I2S_InitTypeDef*
I2S_InitStruct);
void SPI_StructInit(SPI_InitTypeDef* SPI_InitStruct);
void SPI_StructInit(SPI_InitTypeDef* SPI_InitStruct);
void I2S_StructInit(I2S_InitTypeDef* I2S_InitStruct);
void I2S_StructInit(I2S_InitTypeDef* I2S_InitStruct);
NA
void SPI_TIModeCmd(SPI_TypeDef* SPIx,
FunctionalState NewState);
NA
void SPI_NSSPulseModeCmd(SPI_TypeDef* SPIx,
FunctionalState NewState);
void SPI_Cmd(SPI_TypeDef* SPIx, FunctionalState
NewState);
void SPI_Cmd(SPI_TypeDef* SPIx, FunctionalState
NewState);
void I2S_Cmd(SPI_TypeDef* SPIx, FunctionalState
NewState);
void I2S_Cmd(SPI_TypeDef* SPIx, FunctionalState
NewState);
void SPI_DataSizeConfig(SPI_TypeDef* SPIx,
uint16_t SPI_DataSize);
void SPI_DataSizeConfig(SPI_TypeDef* SPIx,
uint16_t SPI_DataSize);
NA
void SPI_RxFIFOThresholdConfig(SPI_TypeDef*
SPIx, uint16_t SPI_RxFIFOThreshold);
NA
void SPI_BiDirectionalLineConfig(SPI_TypeDef*
SPIx, uint16_t SPI_Direction);
void SPI_NSSInternalSoftwareConfig(SPI_TypeDef*
SPIx, uint16_t SPI_NSSInternalSoft);
void SPI_NSSInternalSoftwareConfig(SPI_TypeDef*
SPIx, uint16_t SPI_NSSInternalSoft);
NA
void I2S_FullDuplexConfig(SPI_TypeDef* I2Sxext,
I2S_InitTypeDef* I2S_InitStruct);(1)
void SPI_SSOutputCmd(SPI_TypeDef* SPIx,
FunctionalState NewState);
void SPI_SSOutputCmd(SPI_TypeDef* SPIx,
FunctionalState NewState);
void SPI_I2S_SendData(SPI_TypeDef* SPIx,
uint16_t Data);
void SPI_SendData8(SPI_TypeDef* SPIx, uint8_t
Data);
void SPI_I2S_SendData16(SPI_TypeDef* SPIx,
uint16_t Data);
uint16_t SPI_I2S_ReceiveData(SPI_TypeDef* SPIx);
uint8_t SPI_ReceiveData8(SPI_TypeDef* SPIx);
uint16_t SPI_I2S_ReceiveData16(SPI_TypeDef*
SPIx);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90