전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4228 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN4228
상세설명  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 15Page - STMicroelectronics AN4228 Datasheet HTML 16Page - STMicroelectronics AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics AN4228 Datasheet HTML 22Page - STMicroelectronics AN4228 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
DocID024110 Rev 5
19/90
AN4228
Peripheral migration
89
system clock source configuration are left unchanged, and APB prescalers are adapted to
the maximum APB frequency in the STM32F3 series.
Note:
The source code presented in Table 10 is intentionally simplified (timeout in wait loop
removed) and is based on the assumption that the RCC and Flash registers are at their
reset values.
For STM32F3xx, you can use the clock configuration tool,
STM32F3xx_Clock_Configuration.xls, to generate a customized system_stm32F3xx.c file
containing a system clock configuration routine, depending on your application
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90