전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4228 데이터시트(PDF) 73 Page - STMicroelectronics

부품명 AN4228
상세설명  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 데이터시트(HTML) 73 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 69Page - STMicroelectronics AN4228 Datasheet HTML 70Page - STMicroelectronics AN4228 Datasheet HTML 71Page - STMicroelectronics AN4228 Datasheet HTML 72Page - STMicroelectronics AN4228 Datasheet HTML 73Page - STMicroelectronics AN4228 Datasheet HTML 74Page - STMicroelectronics AN4228 Datasheet HTML 75Page - STMicroelectronics AN4228 Datasheet HTML 76Page - STMicroelectronics AN4228 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
DocID024110 Rev 5
73/90
AN4228
Firmware migration using the library
89
NA
void USART_STOPModeCmd(USART_TypeDef*
USARTx, FunctionalState NewState);
NA
void
USART_StopModeWakeUpSourceConfig(USART_T
ypeDef* USARTx, uint32_t
USART_WakeUpSource);
NA
void USART_AutoBaudRateCmd(USART_TypeDef*
USARTx, FunctionalState NewState);
NA
void
USART_AutoBaudRateConfig(USART_TypeDef*
USARTx, uint32_t USART_AutoBaudRate);
void USART_SendData(USART_TypeDef* USARTx,
uint16_t Data);
void USART_SendData(USART_TypeDef* USARTx,
uint16_t Data);
uint16_t USART_ReceiveData(USART_TypeDef*
USARTx);
uint16_t USART_ReceiveData(USART_TypeDef*
USARTx);
void USART_SetAddress(USART_TypeDef*
USARTx, uint8_t USART_Address);
void USART_SetAddress(USART_TypeDef*
USARTx, uint8_t USART_Address);
NA
void
USART_MuteModeWakeUpConfig(USART_TypeDe
f* USARTx, uint32_t USART_WakeUp);
NA
void USART_MuteModeCmd(USART_TypeDef*
USARTx, FunctionalState NewState);
NA
void
USART_AddressDetectionConfig(USART_TypeDef*
USARTx, uint32_t USART_AddressLength);
Table 29. STM32F10x and STM32F3xx USART driver API correspondence (continued)
STM32F10x USART driver API
STM32F3xx USART driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90