| 전자부품 데이터시트 검색엔진 |
|
AN4228 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 90 page ![]() DocID024110 Rev 5 77/90 AN4228 Firmware migration using the library 89 4.17 FMC driver STM32F303xD/E devices provide a Flexible Memory Controller (FMC) supporting asynchronous and synchronous Memories (SRAM, PSRAM, NOR and NAND). Existing FSMC available on STM32F10x and FMC available on STM32F303xD/E devices have the same specifications. The table below shows the FSMC/FMC driver API correspondence between STM32F10x and STMF3xx libraries. FlagStatus IWDG_GetFlagStatus(uint16_t IWDG_FLAG); FlagStatus IWDG_GetFlagStatus(uint16_t IWDG_FLAG); Table 30. STM32F10x and STM32F3xx IWDG driver API correspondence (continued) STM32F10x IWDG driver API STM32F3xx IWDG driver API Color key: = New function = Same function, but API was changed = Function not available (NA) Table 31. STM32F10x and STM32F303xD/E FMC driver API correspondence STM32F10x FSMC driver API STM32F303xD/E FMC driver API void FSMC_NORSRAMDeInit( uint32_t FSMC_Bank); void FMC_NORSRAMDeInit(uint32_t FMC_Bank); void FSMC_NORSRAMInit( FSMC_NORSRAMInitTypeDef* FSMC_NORSRAMInitStruct); void FMC_NORSRAMInit(FMC_NORSRAMInitTypeDe f* FMC_NORSRAMInitStruct); void FSMC_NORSRAMStructInit( FSMC_NORSRAMInitTypeDef* FSMC_NORSRAMInitStruct); void FMC_NORSRAMStructInit(FMC_NORSRAMInitTy peDef* FMC_NORSRAMInitStruct); void FSMC_NORSRAMCmd(uint32_t FSMC_Bank, FunctionalState NewState); void FMC_NORSRAMCmd(uint32_t FMC_Bank, FunctionalState NewState); |