전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4228 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 AN4228
상세설명  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 66Page - STMicroelectronics AN4228 Datasheet HTML 67Page - STMicroelectronics AN4228 Datasheet HTML 68Page - STMicroelectronics AN4228 Datasheet HTML 69Page - STMicroelectronics AN4228 Datasheet HTML 70Page - STMicroelectronics AN4228 Datasheet HTML 71Page - STMicroelectronics AN4228 Datasheet HTML 72Page - STMicroelectronics AN4228 Datasheet HTML 73Page - STMicroelectronics AN4228 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
Firmware migration using the library
AN4228
70/90
DocID024110 Rev 5
NA
void SPI_CRCLengthConfig(SPI_TypeDef* SPIx,
uint16_t SPI_CRCLength);
void SPI_TransmitCRC(SPI_TypeDef* SPIx);
void SPI_TransmitCRC(SPI_TypeDef* SPIx);
void SPI_CalculateCRC(SPI_TypeDef* SPIx,
FunctionalState NewState);
void SPI_CalculateCRC(SPI_TypeDef* SPIx,
FunctionalState NewState);
uint16_t SPI_GetCRC(SPI_TypeDef* SPIx, uint8_t
SPI_CRC);
uint16_t SPI_GetCRC(SPI_TypeDef* SPIx, uint8_t
SPI_CRC);
uint16_t SPI_GetCRCPolynomial(SPI_TypeDef*
SPIx);
uint16_t SPI_GetCRCPolynomial(SPI_TypeDef*
SPIx);
void SPI_I2S_DMACmd(SPI_TypeDef* SPIx,
uint16_t SPI_I2S_DMAReq, FunctionalState
NewState);
void SPI_I2S_DMACmd(SPI_TypeDef* SPIx,
uint16_t SPI_I2S_DMAReq, FunctionalState
NewState);
NA
void SPI_LastDMATransferCmd(SPI_TypeDef* SPIx,
uint16_t SPI_LastDMATransfer);
Table 28. STM32F10x and STM32F3xx SPI driver API correspondence (continued)
STM32F10x SPI driver API
STM32F3xx SPI driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90