| 전자부품 데이터시트 검색엔진 |
|
AN4228 데이터시트(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 데이터시트(HTML) 78 Page - STMicroelectronics |
|
78 / 90 page ![]() Firmware migration using the library AN4228 78/90 DocID024110 Rev 5 void FSMC_NANDDeInit(uint32_t FSMC_Bank); void FMC_NANDDeInit(uint32_t FMC_Bank); void FSMC_NANDInit(FSMC_NANDInitTypeDef* FSMC_NANDInitStruct); void FMC_NANDInit(FMC_NANDInitTypeDef* FMC_NANDInitStruct); void FSMC_NANDStructInit(FSMC_NANDInitTypeDef* FSMC_NANDInitStruct); void FMC_NANDStructInit(FMC_NANDInitTypeDef* FMC_NANDInitStruct); void FSMC_NANDCmd(uint32_t FSMC_Bank, FunctionalState NewState); void FMC_NANDCmd(uint32_t FMC_Bank, FunctionalState NewState); void FSMC_NANDECCCmd(uint32_t FSMC_Bank, FunctionalState NewState); void FMC_NANDECCCmd(uint32_t FMC_Bank, FunctionalState NewState); uint32_t FSMC_GetECC(uint32_t FSMC_Bank); uint32_t FMC_GetECC(uint32_t FMC_Bank); void FSMC_PCCARDDeInit(void); void FMC_PCCARDDeInit(void); void FSMC_PCCARDInit(FSMC_PCCARDInitTypeDef* FSMC_PCCARDInitStruct); void FMC_PCCARDInit(FMC_PCCARDInitTypeDef* FMC_PCCARDInitStruct); void FSMC_PCCARDStructInit(FSMC_PCCARDInitTypeD ef* FSMC_PCCARDInitStruct); void FMC_PCCARDStructInit(FMC_PCCARDInitTypeD ef* FMC_PCCARDInitStruct); void FSMC_PCCARDCmd(FunctionalState NewState); void FMC_PCCARDCmd(FunctionalState NewState); Table 31. STM32F10x and STM32F303xD/E FMC driver API correspondence (continued) STM32F10x FSMC driver API STM32F303xD/E FMC driver API |