전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4228 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4228
상세설명  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 12Page - STMicroelectronics AN4228 Datasheet HTML 13Page - STMicroelectronics AN4228 Datasheet HTML 14Page - STMicroelectronics AN4228 Datasheet HTML 15Page - STMicroelectronics AN4228 Datasheet HTML 16Page - STMicroelectronics AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
Peripheral migration
AN4228
16/90
DocID024110 Rev 5
CEC
APB1
0x4000 7800
APB1
0x4000 7800
APB1
0x4000 7800
DAC/DAC1
0x4000 7400
0x4000 7400
0x400 07400
DAC2
NA
0x4000 9800
NA
I2S2ext
APB1
0x4000 3400
APB1
NA
APB1
NA
TIM14
APB1
NA
APB1
0x4000 2000
NA
NA
TIM18
NA
0x4000 9C00
NA
NA
FSMC Registers
NA
NA
NA
NA
AHB
0xA000 0000
USB OTG FS
NA
NA
NA
NA
0x5000 0000
ETHERNET MAC
NA
NA
NA
NA
0x4002 8000
SDIO
NA
NA
NA
NA
0x4001 8000
TIM20
APB2
0x4001 5000
NA
NA
NA
NA
SPI4
APB2
0x4001 3C00
NA
NA
NA
NA
I2C3
APB1
0x4000 7800
NA
NA
NA
NA
TIM11
NA
NA
NA
NA
APB2
0x40015 400
TIM10
NA
NA
NA
NA
0x40015 000
TIM9
NA
NA
NA
NA
0x40014 C00
TIM8
APB2
0x4001 3400
NA
NA
0x40013 400
Table 8. IP bus mapping differences between STM32F3 and STM32F1 series(1) (continued)
Peripheral
STM32F30xx
STM32F37x
STM32F1 series
Bus
Base
address
Bus
Base
address
Bus
Base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90