| 전자부품 데이터시트 검색엔진 |
|
AN4228 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 90 page ![]() DocID024110 Rev 5 49/90 AN4228 Firmware migration using the library 89 void ADC_AnalogWatchdogCmd(ADC _TypeDef* ADCx, uint32_t ADC_AnalogWatchdog); void ADC_AnalogWatchdogCmd(ADC_ TypeDef* ADCx, uint32_t ADC_AnalogWatchdog); void ADC_AnalogWatchdogCmd(ADC_ TypeDef* ADCx, uint32_t ADC_AnalogWatchdog); void ADC_AnalogWatchdogThreshold sConfig(ADC_TypeDef* ADCx, uint16_t HighThreshold, uint16_t LowThreshold); void ADC_AnalogWatchdogThresholdsC onfig(ADC_TypeDef* ADCx, uint16_t HighThreshold, uint16_t LowThreshold); void ADC_AnalogWatchdog1Thresholds Config(ADC_TypeDef* ADCx, uint16_t HighThreshold, uint16_t LowThreshold); void ADC_AnalogWatchdog2Thresholds Config(ADC_TypeDef* ADCx, uint8_t HighThreshold, uint8_t LowThreshold); void ADC_AnalogWatchdog3Thresholds Config(ADC_TypeDef* ADCx, uint8_t HighThreshold, uint8_t LowThreshold); void ADC_AnalogWatchdogSingleCha nnelConfig(ADC_TypeDef* ADCx, uint8_t ADC_Channel); void ADC_AnalogWatchdogSingleChan nelConfig(ADC_TypeDef* ADCx, uint8_t ADC_Channel); void ADC_AnalogWatchdog1SingleCha nnelConfig(ADC_TypeDef* ADCx, uint8_t ADC_Channel); void ADC_AnalogWatchdog2SingleCha nnelConfig(ADC_TypeDef* ADCx, uint8_t ADC_Channel); void ADC_AnalogWatchdog3SingleCha nnelConfig(ADC_TypeDef* ADCx, uint8_t ADC_Channel); Table 23. STM32F10x and STM32F3xx ADC driver API correspondence (continued) STM32F10x ADC driver API STM32F37x ADC driver API STM32F30x ADC driver API |