전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
2.5
Ranging mode description
The VL53L3CX dedicated operating mode (called “preset”) is “ranging mode”. In this mode, the software driver
proposes turnkey to allow fast and easy ranging in all customer applications:
Ranging mode is the configuration to get the best of the VL53L3CX functionalities.
•
Ranging mode is natively immune to cover glass crosstalk and smudge beyond 80 cm. With patented
algorithms (direct ToF), a temporal filtering is possible to distinguish crosstalk from the object signal over
long distances > 80 cm. A best-in-class ranging performance of 300 cm with the cover glass in place is now
possible, and can be reached with any computation unlike other sensors on the market.
•
Ranging mode can detect several objects concurrently within the FoV. Up to four ranges can be output
simultaneously by the software driver, to indicate an object's range. Check the latest software driver manual
for further details.
•
Ranging operation is performed by default at 30 Hz once the driver function is called (typical ranging
operation lasts 33 ms). It includes internal housekeeping, ranging and post-processing.
Note:
Ranging mode requires a handshake between the host and the VL53L3CX, at each ranging operation. This
handshake is mandatory to ensure the right result is read by the host to continue the ranging operation.
Please refer to Section 2.10 Handshake management.
2.6
Digital processing
Digital processing is the final operation of the ranging sequence that computes, validates or rejects a ranging
measurement. Part of this processing is performed by the VL53L3CX internal Firmware and completed on the
host processor running the software driver.
At the end of digital processing, the ranging distance is computed by the VL53L3CX itself. If the distance cannot
be measured (no target or weak signal), a corresponding status error code is generated and can be read by the
host.
A full description of the status errors is provided inside the device driver user manual.
2.7
Reading the results
The VL53L3CX software driver provides turnkey functions to read output results after the measurement:
•
Signal rate per object detected
•
Ranging distance per object detected
•
Min. and max. distances where object is located
A full description is provided inside the device driver user manual.
VL53L3CX
Ranging mode description
DS13204 - Rev 2
page 8/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com