전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 3 Page - STMicroelectronics

  VL53L3CX Datasheet HTML 1Page - STMicroelectronics VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
Product overview
1.1
Technical specification
Table 1. Technical specification
Feature
Detail
Package
Optical LGA12
Size
4.4 x 2.4 x 1 mm
Operating voltage
2.6 to 3.5 V
Operating temperature
-20 to 85 °C
Infrared emitter
940 nm
I2C
Up to 1 MHz (Fast mode plus) serial bus
Address: 0x52
1.2
System block diagram
Figure 1. VL53L3CX block diagram
VL53L3CX module
VL53L3CX silicon
Single Photon
Avalanche Diode (SPAD)
Detection array
Non Volatile
Memory
ROM
RAM
Microcontroller
Advanced
Ranging Core
VCSEL Driver
940nm
IR+
IR-
AVDD
AVDDVCSEL
GND
AVSSVCSEL
XSHUT
GPIO1
SCL
SDA
VL53L3CX
Product overview
DS13204 - Rev 2
page 3/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com