전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 23Page - STMicroelectronics VL53L3CX Datasheet HTML 24Page - STMicroelectronics VL53L3CX Datasheet HTML 25Page - STMicroelectronics VL53L3CX Datasheet HTML 26Page - STMicroelectronics VL53L3CX Datasheet HTML 27Page - STMicroelectronics VL53L3CX Datasheet HTML 28Page - STMicroelectronics VL53L3CX Datasheet HTML 29Page - STMicroelectronics VL53L3CX Datasheet HTML 30Page - STMicroelectronics VL53L3CX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
8.5
Lead-free solder reflow process
The figure and table below show the recommended and maximum values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste, and material used. We expect
customers to follow the “recommended” reflow profile, which is specifically tuned for this specifice device
package.
If a customer must perform a reflow profile which is different from the “recommended” one (especially peak >240
°C), this new profile is qualified by the customer at their own risk. In any case, the profile has to be within the
“maximum” profile limit described in the table below.
Table 15. Recommended solder profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TS min)
Maximum temperature (TS max)
Time tS (TS min to TS max)
130
200
90-110
150
200
60 - 120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
217
55-65
2
217
55 - 65
3
°C
s
°C/s
Temperature (Tp-10)
Time (tp-10)
Ramp up
—
—
—
250
10
3
°C
s
°C/s
Peak temperature (Tp)
240
260 max
°C
Time to peak
300
300
s
Ramp down (peak to TL)
-4
-6
°C/s
Figure 23. Solder profile
Note:
The temperature mentioned in the above table is measured at the top of the device package.
Note:
The component is limited to a maximum of three passes through this solder profile.
Note:
As the device package is not sealed, only a dry re-flow process should be used (such as convection re-flow).
Vapor phase re-flow is not suitable for this type of optical component.
Note:
The device is an optical component and as such, it should be treated carefully. This would typically include using
a ‘no-wash’ assembly process.
VL53L3CX
Lead-free solder reflow process
DS13204 - Rev 2
page 27/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com