전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
2.8
Power sequence
2.8.1
Power up and boot sequence
There are two options available for device power up/boot.
Option 1: The XSHUT pin is connected and controlled from the host.
This option optimizes power consumption as the device can be completely powered off when not used, and then
woken up through the host GPIO (using the XSHUT pin).
HW Standby mode is defined as the period when AVDD is present and XSHUT is low
Figure 6. Power up and boot sequence
Option 2: The XSHUT pin is not controlled by the host, it is tied to AVDD through the pull-up resistor.
When the XSHUT pin is not controlled, the power-up sequence is presented in the figure below. In this case, the
device goes automatically to SW STANDBY after FW BOOT, without entering HW STANDBY.
Figure 7. Power up and boot sequence with XSHUT not controlled
Note:
In both cases, tBOOT is 1.2 ms max.
Note:
In both cases, XSHUT has to be raised only when AVDD is tied on.
Note:
The VL53L3CX must only exit reset when there is no existing I2C transaction taking place on the bus i.e. do not
raise the XSHUT when there is an existing I2C command in progress, wait until the current I2C command has
completed.
VL53L3CX
Power sequence
DS13204 - Rev 2
page 9/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com