전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
3
Control interface
This section specifies the control interface. The I2C interface uses two signals: serial data line (SDA) and serial
clock line (SCL). Each device connected to the bus uses a unique address and a simple master / slave
relationships exists.
Both SDA and SCL lines are connected to a positive supply voltage using pull-up resistors located on the host.
Lines are only actively driven low. A high condition occurs when lines are floating and the pull-up resistors pull
lines up. When no data is transmitted both lines are high.
Clock signal (SCL) generation is performed by the master device. The master device initiates data transfer. The
I2C bus on the product device has a maximum speed of 1 Mbits/s and uses a default device address of 0x52.
Figure 9. Data transfer protocol
1
2
7
8
Ac/Am
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
5
6
Address or data byte
MSB
LSB
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit, Ac for VL53L3CX
acknowledge and Am for master acknowledge (host bus master). The internal data is produced by sampling SDA
at a rising edge of SCL. The external data must be stable during the high period of SCL. The exceptions to this
are start (S) or stop (P) conditions when SDA falls or rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition and followed by either a stop or repeated start
(another start condition but without a preceding stop condition) followed by another message. The first byte
contains the device address (0x52) and also specifies the data direction. If the least significant bit is low (that is,
0x52) the message is a master-write-to-the-slave. If the LSB is set (that is, 0x53) then the message is a master-
read-from-the-slave.
Figure 10. VL53L3CX I2C device address: 0x52
MSBit
LSBit
0
1
0
1
0
0
1
R/W
All serial interface communications with the camera module must begin with a start condition. The VL53L3CX
module acknowledges the receipt of a valid address by driving the SDA wire low. The state of the read/write bit
(LSB of the address byte) is stored and the next byte of data, sampled from SDA, can be interpreted. During a
write sequence, the second byte received provides a 16-bit index which points to one of the internal 8-bit
registers.
VL53L3CX
Control interface
DS13204 - Rev 2
page 11/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com