전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics VL53L3CX Datasheet HTML 17Page - STMicroelectronics VL53L3CX Datasheet HTML 18Page - STMicroelectronics VL53L3CX Datasheet HTML 19Page - STMicroelectronics VL53L3CX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
4
Electrical characteristics
4.1
Absolute maximum ratings
Table 9. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
—
3.6
V
SCL, SDA, XSHUT,
and GPIO1
-0.5
—
3.6
Note:
Stresses above those listed as "Absolute maximum ratings" may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specification is not implied. Exposure to maximum rating conditions
for extended periods may effect device reliability.
4.2
Recommended operating conditions
Table 10. Recommended operating conditions
There are no power supply sequencing requirements. The I/Os may be high, low or floating when AVDD is applied. The I/Os are
internally failsafe with no diode connecting them to AVDD
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD)
2.6
2.8
3.5
V
IO (IOVDD) (1)
Standard mode
1.6
1.8
1.9
2V8 mode (2)
2.6
2.8
3.5
Ambient operating temperature range without damage (3)
-20
85
°C
1. XSHUT should be high level only when AVDD is on.
2. SDA, SCL, XSHUT and GPIO1 high levels have to be equal to AVDD in 2V8 mode.
3. performances described in the datasheet are given in 23 ° ambient temperature
4.3
Electrostatic discharge
The device is compliant with electrostatic discharge (ESD) values presented in the table below.
Table 11. ESD performances
Parameter
Specification
Condition
Human body model
JS-001-2012
± 2 kV, 1500 Ohms, 100 pF
Charged device model
JESD22-C101
± 500 V
VL53L3CX
Electrical characteristics
DS13204 - Rev 2
page 16/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com