전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Figure 11. VL53L3CX data format (write)
VL53L3CX acknowledges
Acknowledge from VL53L3
CX
S
As
ADDRESS[7:0]
INDEX[15:8]
As
DATA[7:0]
As P
0x52 (write)
Start
Stop
valid address
As
INDEX[7:0]
As data are received by the slave, they are written bit by bit to a serial/parallel register. After each data byte has
been received by the slave, an acknowledge is generated, the data are then stored in the internal register
addressed by the current index
During a read message, the contents of the register addressed by the current index is read out in the byte
following the device address byte. The contents of this register are parallel loaded into the serial/parallel register
and clocked out of the device by the falling edge of SCL.
Figure 12. VL53L3CX data format (read)
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
S
As
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
INDEX[15:8]
As
At the end of each byte, in both read and write message sequences, an acknowledge is issued by the receiving
device (that is, the VL53L3CX device for a write and the host for a read).
A message can only be terminated by the bus master, either by issuing a stop condition or by a negative
acknowledge (that is, not pulling the SDA line low) after reading a complete byte during a read operation.
The interface also supports auto-increment indexing. After the first data byte has been transferred, the index is
automatically incremented by 1. The master can therefore send data bytes continuously to the slave until the
slave fails to provide an acknowledge or the master terminates the write communication with a stop condition. If
the auto-increment feature is used the master does not have to send address indexes to accompany the data
bytes.
Figure 13. VL53L3CX data format (sequential write)
P
As
DATA[7:0]
As
DATA[7:0]
As
DATA[7:0]
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
INDEX[15:8]
As
VL53L3CX
Control interface
DS13204 - Rev 2
page 12/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com