전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics VL53L3CX Datasheet HTML 17Page - STMicroelectronics VL53L3CX Datasheet HTML 18Page - STMicroelectronics VL53L3CX Datasheet HTML 19Page - STMicroelectronics VL53L3CX Datasheet HTML 20Page - STMicroelectronics VL53L3CX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
4.4
Current consumption
Table 12. Power consumption at ambient temperature
All current consumption values include silicon process variations. Temperature and voltage are nominal conditions (23 °C and
2v8). All values include AVDD and AVDDVCSEL.
Parameter
Min.
Typ.
Max.
Unit
HW STANDBY
3
5
7
µA
SW STANDBY (2V8 mode) (1)
4
6
9
Active ranging average consumption (including VCSEL) (2) (3)
16
18
mA
1. In Standard mode (1v8), pullups have to be modified, then SW STANDBY consumption is increased by 0.6 µA.
2. Active ranging is an average value, measured using default driver settings. Ranging mode is with default settings.
3. Peak current (including VCSEL) can reach 40 mA.
4.5
Digital input and output
Symbol
Parameter
Min.
Typ.
Max.
Unit
Interrupt pin (GPIO1)
VIL
Low level input voltage
—
—
0.3 IOVDD
V
VIH
High level input voltage
0.7 IOVDD
—
VOL
Low level output voltage (IOUT = 4 mA)
—
0.4
VOH
High level output voltage (IOUT = 4 mA)
IOVDD-0.4
—
FGPIO
Operating frequency (CLOAD = 20 pF)
0
108
MHz
I2C interface (SDA/SCL)
VIL
Low level input voltage
-0.5
—
0.6
V
VIH
High level input voltage
1.12
IOVDD+0.5
VOL
Low level output voltage (IOUT = 4 mA)
—
0.4
IIL/IH
Leakage current (1)
—
10
µA
Leakage current (2)
—
0.15
1. AVDD = 0 V
2. AVDD = 2.85 V; I/O voltage = 1.8 V
VL53L3CX
Current consumption
DS13204 - Rev 2
page 17/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com