전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 1 Page - STMicroelectronics

  VL53L3CX Datasheet HTML 1Page - STMicroelectronics VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
•
Fully integrated miniature module
–
Emitter: 940 nm invisible laser (VCSEL) and its analog driver
–
Low-power microcontroller running advanced digital firmware
–
Size: 4.4 x 2.4 x 1 mm
•
Fast, accurate distance ranging
–
Histogram based technology
–
Up to 300 cm+ detection with full field of view (FoV)
–
Immune to cover glass cross-talk and fingerprint smudge at long distance
with patented algorithms (direct ToF)
–
Dynamic fingerprint smudge compensation
–
Short distance, high accuracy linearity
–
Multi target detection and distance measurement
•
Typical full FoV: 25 °
•
Easy integration
–
Reflowable component
–
Part-to-part or generic shape crosstalk calibration available
–
Single power supply
–
Works with many types of cover glass materials
–
I²C interface (up to 1 MHz)
–
Xshutdown (reset) and interrupt GPIO to optimize ranging operation
–
C and Linux full set of software drivers for turnkey ranging
Application
•
Service robots and vacuum cleaners (wall following and fast obstacle detection)
•
Sanitary (robust user detection whatever the target reflectance)
•
Smart buildings and smart lighting (user detection to wake up devices)
•
IoT (user and object detection)
•
Laser assisted autofocus (AF): enhances the camera AF system speed and
robustness, especially in difficult scenes (low light and low contrast); ideal
companion for phase-detection autofocus (PDAF) sensors.
•
Video focus tracking assistance
Time-of-Flight ranging sensor with multi target detection
VL53L3CX
Datasheet
DS13204 - Rev 2 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - VL53L3CX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

유사한 설명 - VL53L3CX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
23-Apr-2021
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
27-Jun-2022
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com